Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AD9218BST-80 Datasheet(HTML) 1 Page - Analog Devices

Part No. AD9218BST-80
Description  3V Dual Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD9218BST-80 Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 29 page
background image
10-Bit, 40/65/80/105 MSPS
3 V Dual Analog-to-Digital Converter
AD9218
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 10-bit, 40 MSPS, 65 MSPS, 80 MSPS, and 105 MSPS ADC
Low power: 275 mW at 105 MSPS per channel
On-chip reference and track-and-hold
300 MHz analog bandwidth each channel
SNR = 57 dB @ 41 MHz, Encode = 80 MSPS
1 V p-p or 2 V p-p analog input range each channel
3.0 V single-supply operation (2.7 V to 3.6 V)
Power-down mode for single-channel operation
Twos complement or offset binary output mode
Output data alignment mode
Pin compatible with the 8-bit AD9288
–75 dBc crosstalk between channels
APPLICATIONS
Battery-powered instruments
Hand-held scopemeters
Low cost digital oscilloscopes
I and Q communications
Ultrasound equipment
FUNCTIONAL BLOCK DIAGRAM
AD9218
REF
TIMING
ENCODE A
/
10
/
10
/
10
/
10
GND
AINA
D9A TO D0A
USER
SELECT NO. 1
USER
SELECT NO. 2
DATA
FORMAT/
GAIN
D9B TO D0B
AINA
AINB
AINB
REFINA
REFINB
REFOUT
ENCODE B
TIMING
T/H
T/H
ADC
ADC
OUTPUT
REGISTER
OUTPUT
REGISTER
VD
VDD
Figure 1.
GENERAL DESCRIPTION
The AD9218 is a dual 10-bit monolithic sampling analog-to-
digital converter with on-chip track-and-hold circuits. The
product is low cost, low power, and is small and easy to use. The
AD9218 operates at a 105 MSPS conversion rate with
outstanding dynamic performance over its full operating range.
Each channel can be operated independently.
The ADC requires only a single 3.0 V (2.7 V to 3.6 V) power
supply and a clock for full operation. No external reference or
driver components are required for many applications. The
digital outputs are TTL/CMOS compatible and a separate
output power supply pin supports interfacing with 3.3 V or
2.5 V logic.
The clock input is TTL/CMOS compatible and the 10-bit digital
outputs can be operated from 3.0 V (2.5 V to 3.6 V) supplies.
User-selectable options offer a combination of power-down
modes, digital data formats, and digital data timing schemes.
In power-down mode, the digital outputs are driven to a high
impedance state.
PRODUCT HIGHLIGHTS
1.
Low Power. Only 275 mW power dissipation per channel
at 105 MSPS. Other speed grades proportionally scaled
down while maintaining high ac performance.
2.
Pin Compatibility Upgrade. Allows easy migration from 8-bit
to 10-bit devices. Pin compatible with the 8-bit AD9288
dual ADC.
3.
Easy to Use. On-chip reference and user controls provide
flexibility in system design.
4.
High Performance. Maintains 54 dB SNR at 105 MSPS
with a Nyquist input.
5.
Channel Crosstalk. Very low at –75 dBc.
6.
Fabricated on an Advanced CMOS Process. Available in a
48-lead low profile quad flat package (7 mm × 7 mm
LQFP) specified over the industrial temperature range
(−40°C to +85°C).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn