Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9218BSTZ-RL105 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9218BSTZ-RL105
Description  3V Dual Analog-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9218BSTZ-RL105 Datasheet(HTML) 1 Page - Analog Devices

  AD9218BSTZ-RL105 Datasheet HTML 1Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 2Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 3Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 4Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 5Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 6Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 7Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 8Page - Analog Devices AD9218BSTZ-RL105 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
10-Bit, 40/65/80/105 MSPS
3 V Dual Analog-to-Digital Converter
AD9218
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 10-bit, 40 MSPS, 65 MSPS, 80 MSPS, and 105 MSPS ADC
Low power: 275 mW at 105 MSPS per channel
On-chip reference and track-and-hold
300 MHz analog bandwidth each channel
SNR = 57 dB @ 41 MHz, Encode = 80 MSPS
1 V p-p or 2 V p-p analog input range each channel
3.0 V single-supply operation (2.7 V to 3.6 V)
Power-down mode for single-channel operation
Twos complement or offset binary output mode
Output data alignment mode
Pin compatible with the 8-bit AD9288
–75 dBc crosstalk between channels
APPLICATIONS
Battery-powered instruments
Hand-held scopemeters
Low cost digital oscilloscopes
I and Q communications
Ultrasound equipment
FUNCTIONAL BLOCK DIAGRAM
AD9218
REF
TIMING
ENCODE A
/
10
/
10
/
10
/
10
GND
AINA
D9A TO D0A
USER
SELECT NO. 1
USER
SELECT NO. 2
DATA
FORMAT/
GAIN
D9B TO D0B
AINA
AINB
AINB
REFINA
REFINB
REFOUT
ENCODE B
TIMING
T/H
T/H
ADC
ADC
OUTPUT
REGISTER
OUTPUT
REGISTER
VD
VDD
Figure 1.
GENERAL DESCRIPTION
The AD9218 is a dual 10-bit monolithic sampling analog-to-
digital converter with on-chip track-and-hold circuits. The
product is low cost, low power, and is small and easy to use. The
AD9218 operates at a 105 MSPS conversion rate with
outstanding dynamic performance over its full operating range.
Each channel can be operated independently.
The ADC requires only a single 3.0 V (2.7 V to 3.6 V) power
supply and a clock for full operation. No external reference or
driver components are required for many applications. The
digital outputs are TTL/CMOS compatible and a separate
output power supply pin supports interfacing with 3.3 V or
2.5 V logic.
The clock input is TTL/CMOS compatible and the 10-bit digital
outputs can be operated from 3.0 V (2.5 V to 3.6 V) supplies.
User-selectable options offer a combination of power-down
modes, digital data formats, and digital data timing schemes.
In power-down mode, the digital outputs are driven to a high
impedance state.
PRODUCT HIGHLIGHTS
1.
Low Power. Only 275 mW power dissipation per channel
at 105 MSPS. Other speed grades proportionally scaled
down while maintaining high ac performance.
2.
Pin Compatibility Upgrade. Allows easy migration from 8-bit
to 10-bit devices. Pin compatible with the 8-bit AD9288
dual ADC.
3.
Easy to Use. On-chip reference and user controls provide
flexibility in system design.
4.
High Performance. Maintains 54 dB SNR at 105 MSPS
with a Nyquist input.
5.
Channel Crosstalk. Very low at –75 dBc.
6.
Fabricated on an Advanced CMOS Process. Available in a
48-lead low profile quad flat package (7 mm × 7 mm
LQFP) specified over the industrial temperature range
(−40°C to +85°C).


Similar Part No. - AD9218BSTZ-RL105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9218BSTZ-RL1051 AD-AD9218BSTZ-RL1051 Datasheet
952Kb / 28P
   10-Bit, 40/65/80/105 MSPS 3 V Dual Analog-to-Digital Converter
REV. C
More results

Similar Description - AD9218BSTZ-RL105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9691 AD-AD9691_17 Datasheet
1Mb / 73P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS901 BURR-BROWN-ADS901 Datasheet
174Kb / 11P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS900 TI-ADS900_V01 Datasheet
342Kb / 15P
[Old version datasheet]   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS900 BURR-BROWN-ADS900 Datasheet
219Kb / 12P
   10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com