Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9235BCPZRL7-20 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9235BCPZRL7-20
Description  3V A/D Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9235BCPZRL7-20 Datasheet(HTML) 4 Page - Analog Devices

  AD9235BCPZRL7-20 Datasheet HTML 1Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 2Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 3Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 4Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 5Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 6Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 7Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 8Page - Analog Devices AD9235BCPZRL7-20 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Data Sheet
AD9235
Rev. D | Page 3 of 40
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 3 V, DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference, TMIN to TMAX,
unless otherwise noted.
Table 1.
Parameter
Temp
Test
Level
AD9235BRU/BCP-20
AD9235BRU/BCP-40
AD9235BRU/BCP-65
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
RESOLUTION
Full
VI
12
12
12
Bits
ACCURACY
No Missing Codes Guaranteed
Full
VI
12
12
12
Bits
Offset Error
Full
VI
±0.30
±1.20
±0.50
±1.20
±0.50
±1.20
% FSR
Gain Error1
Full
VI
±0.30
±2.40
±0.50
±2.50
±0.50
±2.60
% FSR
Differential Nonlinearity (DNL)2
Full
IV
±0.35
±0.65
±0.35
±0.75
±0.40
±0.80
LSB
25°C
I
±0.35
±0.35
±0.35
LSB
Integral Nonlinearity (INL)2
Full
IV
±0.45
±0.80
±0.50
±0.90
±0.70
±1.30
LSB
25°C
I
±0.40
±0.40
±0.45
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
±2
±2
±3
ppm/°C
Gain Error
Full
V
±12
±12
±12
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
VI
±5
±35
±5
±35
±5
±35
mV
Load Regulation @ 1.0 mA
Full
V
0.8
0.8
0.8
mV
Output Voltage Error (0.5 V Mode)
Full
V
±2.5
±2.5
±2.5
mV
Load Regulation @ 0.5 mA
Full
V
0.1
0.1
0.1
mV
INPUT REFERRED NOISE
VREF = 0.5 V
25°C
V
0.54
0.54
0.54
LSB rms
VREF = 1.0 V
25°C
V
0.27
0.27
0.27
LSB rms
ANALOG INPUT
Input Span, VREF = 0.5 V
Full
IV
1
1
1
V p-p
Input Span, VREF = 1.0 V
Full
IV
2
2
2
V p-p
Input Capacitance3
Full
V
7
7
7
pF
REFERENCE INPUT RESISTANCE
Full
V
7
7
7
kΩ
POWER SUPPLIES
Supply Voltages
AVDD
Full
IV
2.7
3.0
3.6
2.7
3.0
3.6
2.7
3.0
3.6
V
DRVDD
Full
IV
2.25
3.0
3.6
2.25
3.0
3.6
2.25
3.0
3.6
V
Supply Current
IAVDD2
Full
V
30
55
100
mA
IDRVDD2
Full
V
2
5
7
mA
PSRR
Full
V
±0.01
±0.01
±0.01
% FSR
POWER CONSUMPTION
DC Input4
Full
V
90
165
300
mW
Sine Wave Input2
Full
VI
95
110
180
205
320
350
mW
Standby Power5
Full
V
1.0
1.0
1.0
mW
1
Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.0 V external reference).
2
Measured at maximum clock rate, fIN = 2.4 MHz, full-scale sine wave, with approximately 5 pF loading on each output bit.
3
Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 5 for the equivalent analog input structure.
4
Measured with dc input at maximum clock rate.
5
Standby power is measured with a dc input, the CLK pin inactive (i.e., set to AVDD or AGND).


Similar Part No. - AD9235BCPZRL7-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9235BCPZRL7-20 AD-AD9235BCPZRL7-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZRL7-20 AD-AD9235BCPZRL7-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZRL7-20 AD-AD9235BCPZRL7-20 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
More results

Similar Description - AD9235BCPZRL7-20

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283_17 Datasheet
279Kb / 13P
   3V A/D Converter
AD9215 AD-AD9215_17 Datasheet
1,012Kb / 37P
   3V A/D Converter
AD9214 AD-AD9214_17 Datasheet
479Kb / 21P
   3V A/D Converter
logo
Texas Instruments
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
ADC10065 TI1-ADC10065_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
logo
National Semiconductor ...
ADC10065 NSC-ADC10065 Datasheet
945Kb / 19P
   ADC10065 10-Bit 65 MSPS 3V A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com