Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5400A5 Datasheet(PDF) 2 Page - Visual Communications Company

Part # 5400A5
Description  Simple and fast installation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

5400A5 Datasheet(HTML) 2 Page - Visual Communications Company

  5400A5 Datasheet HTML 1Page - Visual Communications Company 5400A5 Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CML and Chicago Miniature Lamp are registered trademarks of Visual Communications Company, LLC.
11/15 Rev 2
the first call for illuminated components
www.vcclite.com
1.800.522.5546
Product Dimensions
Ordering Data
Electro-optical Characteristics
5400A1
5400A3
5400A5
Red
Amber
Green
120
120
120
20
20
20
35
35
20
2.0
2.0
2.1
3.0
3.0
2.5
1.0
1.0
-
5
5
4
5400A7
Yellow
120
35
2.1
3.0
1.0
5
4741
Compliance & approvals
All dimensions in inches [mm]
PANEL
Body:
Lens:
.910 MAX
[23.1 MAX]
Ø .380
Ø [9.7]
.090
[2.3]
Ø.310
Ø.270
.330
.030
RINGS
DIFFUSING
LIGHT
Low Profile
Ø .380
Ø [9.7]
[7.9]
[6.9]
[0.7]
[8.4]
20
Part Number
Color
Typ. Intensity
(mcd)
Rated
Current (mA)
Continuous
Forward
Current Max. (mA)
Forward
Voltage
Typ. (V)
Forward
Voltage
Max. (V)
Current @ 1ms-
Peak Forward
300pps (A)
Reverse
Break-down
Voltage Min. (V)
Include
Lens
Model No.
4743
4745
4747


Similar Part No. - 5400A5

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5400A5 CML-5400A5 Datasheet
47Kb / 1P
   Panel Mounted LED Indicator
logo
Visual Communications C...
5400A5 VCC-5400A5 Datasheet
64Kb / 1P
   Panel Mounted LED Indicator
More results

Similar Description - 5400A5

ManufacturerPart #DatasheetDescription
logo
Level One
FEP-1612 LVL1-FEP-1612 Datasheet
350Kb / 3P
   Simple Plug and Play installation
FSW-0513 LVL1-FSW-0513 Datasheet
657Kb / 3P
   Simple Plug and Play installation
logo
Cherry Semiconductor Co...
MW-2100 CHERRY-MW-2100 Datasheet
65Kb / 2P
   Simple installation
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
Sangdest Microelectroni...
RMB2S SMC-RMB2S Datasheet
183Kb / 5P
   Small size, simple installation
logo
Cooper Bussmann, Inc.
C0402C150J5GACAUTO COOPER-C0402C150J5GACAUTO Datasheet
3Mb / 148P
   Make Wire Connections Simple and Fast
C02-07 COOPER-C02-07 Datasheet
3Mb / 148P
   Make Wire Connections Simple and Fast
logo
Laird Tech Smart Techno...
OC24519 LSTD-OC24519 Datasheet
224Kb / 1P
   ASSEMBLY AND INSTALLATION
logo
Emerson Network Power
MITX-CORE-820 EMERSON-NETWORKPOWER-MITX-CORE-820 Datasheet
2Mb / 104P
   Installation and Use
August 2011
logo
PHOENIX CONTACT
2700906 PHOENIX-2700906 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com