Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3744 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3744
Description  2.7Gbps SFP Transimpedance Amplifiers with RSSI
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3744 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3744 Datasheet HTML 1Page - Maxim Integrated Products MAX3744 Datasheet HTML 2Page - Maxim Integrated Products MAX3744 Datasheet HTML 3Page - Maxim Integrated Products MAX3744 Datasheet HTML 4Page - Maxim Integrated Products MAX3744 Datasheet HTML 5Page - Maxim Integrated Products MAX3744 Datasheet HTML 6Page - Maxim Integrated Products MAX3744 Datasheet HTML 7Page - Maxim Integrated Products MAX3744 Datasheet HTML 8Page - Maxim Integrated Products MAX3744 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2.7Gbps SFP Transimpedance
Amplifiers with RSSI
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, CIN = 0.85pF, TA = +25
°C, unless otherwise noted.)
60ps/div
EYE DIAGRAM
INPUT = 2mAP-P, DATA RATE = 2.7Gbps
30mV/div
MAX3744 toc09
223-1 PATTERN
60ps/div
EYE DIAGRAM
INPUT = 2mAP-P, DATA RATE = 2.1Gbps
30mV/div
MAX3744 toc08
K28-5 PATTERN
60ps/div
EYE DIAGRAM
INPUT = 20
µAP-P, DATA RATE = 2.1Gbps
5mV/div
MAX3744 toc06
K28-5 PATTERN
50
10M
10G
1G
100M
FREQUENCY RESPONSE
75
60
55
70
65
FREQUENCY (Hz)
60ps/div
EYE DIAGRAM
INPUT = 20
µAP-P, DATA RATE = 2.7Gbps
6mV/div
MAX3744 toc07
223-1 PATTERN
200
400
300
600
500
700
800
-40
20
40
-20
0
60
80
100
INPUT-REFERRED NOISE
vs. TEMPERATURE
TEMPERATURE (
°C)
UNFILTER
CIN = 1.5pF
CIN = 0.85pF
CIN = 0.5pF
200
400
300
600
500
700
800
-40
20
40
-20
0
60
80
100
INPUT-REFERRED NOISE
vs. TEMPERATURE
TEMPERATURE (
°C)
BW = 2.1GHz
CIN = 1.5pF
CIN = 0.85pF
CIN = 0.5pF
DETERMINISTIC JITTER
vs. INPUT AMPLITUDE
INPUT AMPLITUDE (mAP-P)
1
0.1
10
20
30
40
50
0
0.01
10
2.7Gbp SONET
2.1Gbps FIBRE CHANNEL
60
65
70
75
-40
0
20
-20
40
60
80
100
SMALL-SIGNAL TRANSIMPEDANCE
vs. TEMPERATURE
TEMPERATURE (
°C)


Similar Part No. - MAX3744

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3744 MAXIM-MAX3744 Datasheet
214Kb / 4P
   Evaluation Kit
Rev 0, 8/03
MAX3744EVKIT MAXIM-MAX3744EVKIT Datasheet
214Kb / 4P
   Evaluation Kit
Rev 0, 8/03
MAX3744 MAXIM-MAX3744_1 Datasheet
214Kb / 4P
   Evaluation Kit
Rev 0, 8/03
More results

Similar Description - MAX3744

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3724-MAX3725 MAXIM-MAX3724-MAX3725 Datasheet
342Kb / 10P
   3.2Gbps SFP Transimpedance Amplifiers with RSSI
Rev 0; 2/04
logo
Texas Instruments
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com