Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1935ETA15 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1935ETA15
Description  500mA, Low-Voltage Linear Regulator in Tiny QFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1935ETA15 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1935ETA15 Datasheet HTML 1Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 2Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 3Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 4Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 5Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 6Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 7Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 8Page - Maxim Integrated Products MAX1935ETA15 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
500mA, Low-Voltage Linear Regulator
in Tiny QFN
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VOUT(SETPOINT) + 500mV or VIN = 2.25V whichever is greater, SET = GND, SHDN = IN, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER-OK
POK Output Low Voltage
VOL
Sinking 2mA
50
mV
Operating Voltage Range for
Valid POK Output
Sinking 100µA
1.0
5.5
V
Output High Leakage Current
VPOK = 5.5V
100
nA
Threshold
Rising edge, referred to VOUT(NOMINAL)
89
97
%
Note 1: Dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT and when VIN = VOUT(NOM) + 0.5V.
For 2.25V
≤ VOUT ≤ 4V, dropout voltage limits are linearly interpolated from the values listed. For VOUT < 4V, dropout
voltage limit is equal to the value for VOUT = 4V.
Note 2: Specifications to -40°C are guaranteed by design, not production tested.
Typical Operating Characteristics
(VOUT = 3.3V, VIN = VOUT + 500mV, SHDN = IN, CIN = 1µF, COUT = 10µF, TA = +25°C, unless otherwise noted.)
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
1.5
2.5 3.0
2.0
3.5 4.0 4.5 5.0 5.5
OUTPUT VOLTAGE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
IOUT = 0mA
IOUT = 500mA
6.0
3.25
3.26
3.28
3.27
3.30
3.31
3.29
3.32
0
200 300
100
400 500 600 700 800
OUTPUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
3.28
3.30
3.29
3.32
3.31
3.33
3.34
-40
10
-15
35
60
85
OUTPUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = VOUT + 500mV
IOUT = 0
0
100
50
200
150
250
300
350
400
0
200 300
100
400 500 600 700 800
DROPOUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
TA = +85
°C
TA = +25
°C
TA = -40
°C
0.14
0.16
0.18
0.20
0.22
0.24
0.26
0.28
2.0
2.5
3.0
3.5
4.0
4.5
DROPOUT VOLTAGE
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
0
100
50
150
200
250
300
350
400
450
500
550
600
2.0
3.0
4.0
5.0
6.0
GROUND-PIN CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
3.5
2.5
4.5
5.5
IOUT = 0mA
IOUT = 500mA


Similar Part No. - MAX1935ETA15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1930 MAXIM-MAX1930 Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
MAX1930ESA MAXIM-MAX1930ESA Datasheet
287Kb / 7P
   Current-Limited Switch for Two USB Ports
Rev 2; 11/02
MAX1931 MAXIM-MAX1931 Datasheet
214Kb / 8P
   Current-Limited Switch for Single USB Port
Rev 0; 4/02
MAX1931EUB MAXIM-MAX1931EUB Datasheet
214Kb / 8P
   Current-Limited Switch for Single USB Port
Rev 0; 4/02
MAX1932 MAXIM-MAX1932 Datasheet
399Kb / 16P
   Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
Rev 1; 12/02
More results

Similar Description - MAX1935ETA15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
   500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
logo
Unisonic Technologies
LR1125 UTC-LR1125 Datasheet
334Kb / 7P
   500mA, LOW-VOLTAGE LINEAR REGULATOR
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
Monolithic Power System...
MP2002 MPS-MP2002 Datasheet
368Kb / 11P
   Low Input Voltage 500mA Linear Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
logo
Maxim Integrated Produc...
MAX1818 MAXIM-MAX1818 Datasheet
262Kb / 9P
   500mA Low-Dropout Linear Regulator in SOT23
19-1860; Rev 1; 3/01
MAX1792 MAXIM-MAX1792 Datasheet
414Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 0; 9/00
MAX1792 MAXIM-MAX1792_11 Datasheet
472Kb / 10P
   500mA Low-Dropout Linear Regulator in uMAX
Rev 2; 11/11
MAX1819 MAXIM-MAX1819 Datasheet
639Kb / 9P
   500mA Low-Dropout Linear Regulator in UCSP
19-2072; Rev 0; 1/02
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
   300/500mA Low Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com