Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3745 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3745
Description  2.7Gbps SFP Transimpedance Amplifiers with RSSI
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3745 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3745 Datasheet HTML 1Page - Maxim Integrated Products MAX3745 Datasheet HTML 2Page - Maxim Integrated Products MAX3745 Datasheet HTML 3Page - Maxim Integrated Products MAX3745 Datasheet HTML 4Page - Maxim Integrated Products MAX3745 Datasheet HTML 5Page - Maxim Integrated Products MAX3745 Datasheet HTML 6Page - Maxim Integrated Products MAX3745 Datasheet HTML 7Page - Maxim Integrated Products MAX3745 Datasheet HTML 8Page - Maxim Integrated Products MAX3745 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2.7Gbps SFP Transimpedance
Amplifiers with RSSI
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.97V to +3.63V and TA = -40°C to +85°C. Typical values are at VCC = +3.3V, source capacitance (CIN) = 0.85pF, and TA =
+25°C, unless otherwise noted.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC) .................................-0.5V to +6.0V
Continuous CML Output Current
(OUT+, OUT-) ............................................. -25mA to +25mA
Continuous Input Current (IN)...............................-4mA to +4mA
Continuous Input Current (FILTER).......................-8mA to +8mA
Operating Junction Temperature Range (TJ) ....-55°C to +150°C
Storage Ambient Temperature Range (TSTG) ...-55°C to +150°C
Die Attach Temperature...................................................+400°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
Including CML output current (IIN = 0)
28
41
mA
Input Bias Voltage
1.0
V
Input Overload
(Note 3)
2
mAP-P
CIN = 0.85pF, BW = 933MHz
206
CIN = 0.85pF, BW = 2.1GHz
330
430
CIN = 0.85pF, BW = 18GHz
620
CIN = 0.85pF, BW = 933MHz
206
CIN = 0.6pF, BW = 2.1GHz
300
380
Input-Referred Noise
IN
CIN = 0.6pF, BW = 18GHz
550
nARMS
Differential Transimpedance
Differential output, IIN = 40µAAVE
2.8
3.5
4.5
k
-3dB, CIN = 0.6pF
1.8
2
Small-Signal Bandwidth (Note 3)
BW
-3dB, CIN = 0.85pF
1.6
1.8
GHz
Low-Frequency Cutoff
-3dB, input current = 20µAAVE (Note 3)
30
kHz
2.1Gbps, K28.5 pattern
14
31
100µAP-P < input
2mAP-P
2.7Gbps, 231-1 pattern
24
2.1Gbps, K28.5 pattern
10
16
Deterministic Jitter
(Notes 3, 5)
DJ
10µAP-P < input
100µAP-P
2.7Gbps, 231-1 pattern
20
psP-P
Filter Resistance
510
580
690
Differential Output Resistance
(OUT+, OUT-)
85
100
115
Maximum Differential Output
Voltage
VOD
Input > 50µAAVE, output termination 50
Ω to
VCC (output in limited state)
220
280
400
mVP-P


Similar Part No. - MAX3745

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3745 MAXIM-MAX3745 Datasheet
214Kb / 4P
   Evaluation Kit
Rev 0, 8/03
MAX3745EVKIT MAXIM-MAX3745EVKIT Datasheet
214Kb / 4P
   Evaluation Kit
Rev 0, 8/03
More results

Similar Description - MAX3745

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3724-MAX3725 MAXIM-MAX3724-MAX3725 Datasheet
342Kb / 10P
   3.2Gbps SFP Transimpedance Amplifiers with RSSI
Rev 0; 2/04
logo
Texas Instruments
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
[Old version datasheet]   10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
[Old version datasheet]   2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET4291T TI1-ONET4291T Datasheet
639Kb / 16P
[Old version datasheet]   4.25-Gbps Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com