Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8515SB Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # RFFM8515SB
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

RFFM8515SB Datasheet(HTML) 8 Page - TriQuint Semiconductor

  RFFM8515SB Datasheet HTML 1Page - TriQuint Semiconductor RFFM8515SB Datasheet HTML 2Page - TriQuint Semiconductor RFFM8515SB Datasheet HTML 3Page - TriQuint Semiconductor RFFM8515SB Datasheet HTML 4Page - TriQuint Semiconductor RFFM8515SB Datasheet HTML 5Page - TriQuint Semiconductor RFFM8515SB Datasheet HTML 6Page - TriQuint Semiconductor RFFM8515SB Datasheet HTML 7Page - TriQuint Semiconductor RFFM8515SB Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS20160429
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
8 of 8
RFFM8515
Pin Names and Descriptions
Pin
Name
Description
1
GND
This pin is not connected internally and can be left floating or connected to ground.
2
RX
RF output port for the 802.11a/n LNA. This port is matched to 50Ω and DC blocked internally
3
GND
This pin is not connected internally and can be left floating or connected to ground.
4
VCC
Supply voltage for the LNA and PA Regulator. See applications schematic for biasing and bypassing
components.
5
PDET
Power detector voltage for the TX path. May need external series R/shunt C to adjust voltage level and to filter
RF noise
6
VC1
Control Logic Pin - Refer to Logic Table
7
GND
This pin is not connected internally and can be left floating or connected to ground.
8
TX
RF input port for the 802.11a/n PA.
Input is matched to 50Ω and DC blocked internally
9
N/C
This pin is not connected internally and can be left floating or connected to ground.
10
VCC
Supply voltage for the first and second stage of the PA. See applications schematic for biasing and bypassing
components.
11
VCC
Supply voltage for the final stage of the PA. See applications schematic for biasing and bypassing
components.
12
GND
This pin is not connected internally and can be left floating or connected to ground.
13
ANT
RF bidirectional antenna port matched to 50Ω and external DC block is required
14
GND
This pin is not connected internally and can be left floating or connected to ground.
15
VC2
Control Logic Pin - Refer to Logic Table
16
VC3
Control Logic Pin - Refer to Logic Table
Pkg Base
GND
Ground connection. The backside of the package should be connected to the ground plane through a short
path, i.e., PCB vias under the device are recommended.


Similar Part No. - RFFM8515SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8515SB QORVO-RFFM8515SB Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
More results

Similar Description - RFFM8515SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com