Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109D226X0008C0 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 109D226X0008C0
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D226X0008C0 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 109D226X0008C0 Datasheet HTML 2Page - Vishay Siliconix 109D226X0008C0 Datasheet HTML 3Page - Vishay Siliconix 109D226X0008C0 Datasheet HTML 4Page - Vishay Siliconix 109D226X0008C0 Datasheet HTML 5Page - Vishay Siliconix 109D226X0008C0 Datasheet HTML 6Page - Vishay Siliconix 109D226X0008C0 Datasheet HTML 7Page - Vishay Siliconix 109D226X0008C0 Datasheet HTML 8Page - Vishay Siliconix 109D226X0008C0 Datasheet HTML 9Page - Vishay Siliconix 109D226X0008C0 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
109D
www.vishay.com
Vishay
Revision: 28-Aug-17
7
Document Number: 40023
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EXTENDED RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
AT +25 °C
120 Hz
(
)
MAX. IMP.
AT -55 °C
120 Hz
(
)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%) AT
MAX. RMS
RIPPLE
CURRENT
120 Hz
(mA)
+25 °C
+85 °C
+125 °C
-55 °C
+85 °C
+125 °C
6 VDC AT +85 °C; 7 VDC AT +125 °C
140
C
109D147X0006C2
3.0
54
2.0
9.0
-45
+13
+16
160
820
F
109D827X0006F0
2.5
18
3.0
14
-88
+16
+20
300
1500
T
109D158X0006T0
1.5
18
5.0
20
-90
+20
+25
480
2200
K
109D228X0006K0
1.0
13
6.0
24
-90
+25
+30
670
8 VDC AT +85 °C; 5 VDC AT +125 °C
180
C
109D187X0008C0
3.0
45
2.0
9.0
-60
+13
+16
180
470
F
109D477X0008F0
2.5
25
3.0
14
-75
+16
+20
300
680
F
109D687X0008F0
2.5
22
3.0
14
-90
+16
+20
300
1800
K
109D188X0008K0
1.0
14
7.0
25
-60
+20
+30
670
10 VDC AT +85 °C; 7 VDC AT +125 °C
100
C
109D107X0010C0
3.0
60
2.0
9.0
-50
+13
+16
160
120
C
109D127X0010C0
4.0
60
2.0
9.0
-45
+13
+16
160
150
C
109D477X0010F0
3.0
54
2.0
9.0
-55
+13
+16
180
390
F
109D397X0010F0
2.5
30
3.0
16
-70
+16
+20
300
470
F
109D477X0010F0
2.5
30
3.0
16
-65
+16
+20
300
560
F
109D567X0010F0
2.5
27
3.0
16
-77
+16
+20
300
1000
T
109D108X0010T0
1.5
20
5.0
20
-75
+20
+25
480
1200
K
109D128X0010K0
1.0
18
7.0
25
-75
+30
+30
670
1200
T
109D128X0010T0
1.5
18
5.0
20
-88
+20
+25
480
1500
K
109D158X0010K0
1.0
15
7.0
25
-88
+25
+30
670
15 VDC AT +85 °C; 10 VDC AT +125 °C
68
C
109D686X0015C0
4.0
80
2.0
9.0
-40
+13
+16
140
82
C
109D826X0015C0
4.0
80
2.0
9.0
-38
+13
+16
160
100
C
109D107X0015C0
4.0
72
2.0
9.0
-44
+13
+16
160
270
F
109D277X0015F0
2.5
35
3.0
16
-60
+16
+20
300
330
F
109D337X0015F0
2.5
35
3.0
16
-60
+16
+20
300
390
F
109D397X0015F0
2.5
31
3.0
16
-66
+16
+20
300
510
T
109D517X0015T0
1.8
25
6.0
24
-65
+20
+25
340
540
T
109D547X0015T0
1.8
22
6.0
24
-77
+20
+25
440
820
T
109D827X0015T0
1.8
22
6.0
24
-77
+20
+25
440
820
K
109D827X0015K0
1.2
20
8.0
32
-70
+30
+30
610
1000
K
109D108X0015K0
1.2
17
8.0
32
-77
+25
+30
610
20 VDC AT +85 °C; 13 VDC AT +125 °C
56
C
109D566X0020C0
4.3
90
2.0
9.0
-38
+13
+16
140
82
C
109D826X0020C0
4.3
81
2.0
9.0
-43
+13
+16
160
220
F
109D227X0020F0
2.7
35
3.0
16
-60
+16
+20
300
330
F
109D337X0020F0
2.7
31
3.0
16
-66
+16
+20
300
25 VDC AT +85 °C; 15 VDC AT +125 °C
47
C
109D476X0025C0
4.3
100
2.0
9.0
-35
+12
+15
140
68
C
109D686X0025C0
4.3
90
2.0
9.0
-40
+12
+15
160
180
F
109D187X0025F0
2.7
37
3.0
16
-55
+13
+16
300
270
F
109D277X0025F0
2.7
33
3.0
16
-62
+13
+16
300
350
T
109D357X0025T0
1.8
27
7.0
28
-60
+20
+25
440
560
T
109D567X0025T0
1.8
24
7.0
28
-72
+20
+25
440
680
K
109D687X0025K0
1.2
19
8.0
32
-72
+25
+30
610
750
K
109D757X0025K2
1.0
18
8.0
29
-60
+25
+25
610
Note
(1) Part numbers shown are for units with ± 20 % capacitance tolerance and uninsulated capacitors. For ± 10 % units, change the digit
following the letter “X” from “0” to “9”. For units with outer plastic-film insulation, substitute “2” for “0” at the end of the part number. For
RoHS-compliant add “E3”


Similar Part No. - 109D226X0008C0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D226X0008C0 VISHAY-109D226X0008C0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
More results

Similar Description - 109D226X0008C0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com