Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109D706X0015F0 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 109D706X0015F0
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D706X0015F0 Datasheet(HTML) 5 Page - Vishay Siliconix

  109D706X0015F0 Datasheet HTML 1Page - Vishay Siliconix 109D706X0015F0 Datasheet HTML 2Page - Vishay Siliconix 109D706X0015F0 Datasheet HTML 3Page - Vishay Siliconix 109D706X0015F0 Datasheet HTML 4Page - Vishay Siliconix 109D706X0015F0 Datasheet HTML 5Page - Vishay Siliconix 109D706X0015F0 Datasheet HTML 6Page - Vishay Siliconix 109D706X0015F0 Datasheet HTML 7Page - Vishay Siliconix 109D706X0015F0 Datasheet HTML 8Page - Vishay Siliconix 109D706X0015F0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
109D
www.vishay.com
Vishay
Revision: 28-Aug-17
5
Document Number: 40023
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
15 VDC AT +85 °C; 10 VDC AT +125 °C
15
C
109D156X0015C0
6.0
155
1.0
2.0
-24
+10.5
+12
130
33
C
109D336X0015C0
5.0
90
1.0
2.0
-28
+14
+16
160
70
F
109D706X0015F0
3.6
75
1.0
4.0
-28
+14
+16
270
120
F
109D127X0015F0
4.0
50
1.0
7.0
-28
+17.5
+20
270
270
T
109D277X0015T0
3.0
30
2.0
16
-56
+17.5
+20
340
540
K
109D547X0015K0
1.2
23
6.0
24
-80
+25
+25
610
20 VDC AT +85 °C; 13 VDC AT +125 °C
27
C
109D276X0020C0
5.0
100
1.0
2.0
-20
+11
+14
160
220
T
109D227X0020T0
4.0
3
2.0
16
-48
+13
+15
410
25 VDC AT +85 °C; 15 VDC AT +125 °C
10
C
109D106X0025C0
6.0
220
1.0
2.0
-16
+8
+9
130
22
C
109D226X0025C0
5.0
140
1.0
3.0
-20
+10.5
+12
160
50
F
109D506X0025F0
4.0
70
1.0
5.0
-28
+13
+15
270
100
F
109D107X0025F0
4.0
50
1.0
10
-28
+13
+15
270
100
T
109D107X0025T0
4.0
45
2.0
10
-48
+13
+15
410
180
T
109D187X0025T0
4.0
32
2.0
18
-48
+13
+15
340
350
K
109D357X0025K0
1.3
24
7.0
28
-70
+25
+25
580
30 VDC AT +85 °C; 20 VDC AT +125 °C
7.0
C
109D705X0030C0
8.0
275
1.0
2.0
-16
+8
+12
110
8.0
C
109D805X0030C0
7.5
275
1.0
2.0
-16
+8
+12
130
15
C
109D156X0030C0
8.0
175
1.0
2.0
-20
+10.5
+12
160
40
F
109D406X0030F0
4.0
65
1.0
5.0
-24
+10.5
+12
270
68
F
109D686X0030F0
6.0
60
1.0
8.0
-24
+13
+15
270
100
T
109D107X0030T0
6.0
40
2.0
12
-28
+10.5
+12
410
150
T
109D157X0030T0
4.1
35
2.0
18
-48
+13
+15
340
300
K
109D307X0030K0
1.6
25
8.0
32
-60
+25
+25
550
35 VDC AT +85 °C; 22 VDC AT +125 °C
68
F
109D686X0035F0
6.0
60
1.0
8
-24
+12
+15
270
120
T
109D127X0035T0
4.0
38
2.0
16
-30
+13
+15
410
270
K
109D277X0035K0
2.2
23
8.0
32
-45
+20
+25
500
50 VDC AT +85 °C; 30 VDC AT +125 °C
4.5
C
109D455X0050C0
9.0
400
1.0
2.0
-16
+5
+6
110
5.0
C
109D505X0050C0
9.0
400
1.0
2.0
-16
+5
+6
130
10
C
109D106X0050C0
8.0
250
1.0
2.0
-24
+8
+9
160
22
F
109D226X0050F0
7.0
95
1.0
4.0
-20
+10.5
+12
230
25
F
109D256X0050F0
6.0
95
1.0
5.0
-20
+10.5
+12
270
47
F
109D476X0050F0
6.0
70
1.0
9.0
-28
+13
+15
270
60
T
109D606X0050T0
3.0
45
2.0
12
-16
+10.5
+12
410
82
T
109D826X0050T0
4.0
45
2.0
16
-32
+13
+15
340
160
K
109D167X0050K0
2.2
27
8.0
32
-50
+25
+25
460
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
AT +25 °C
120 Hz
(
)
MAX. IMP.
AT -55 °C
120 Hz
(
)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%) AT
MAX. RMS
RIPPLE
CURRENT
120 Hz
(mA)
+25 °C
+85 °C
+125 °C
-55 °C
+85 °C
+125 °C
Note
(1) Part numbers shown are for units with ± 20 % capacitance tolerance and uninsulated capacitors. For ± 10 % units, change the digit
following the letter “X” from “0” to “9”. For units with outer plastic-film insulation, substitute “2” for “0” at the end of the part number. For
RoHS-compliant add “E3”


Similar Part No. - 109D706X0015F0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D705X0030C0 VISHAY-109D705X0030C0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
More results

Similar Description - 109D706X0015F0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com