Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109D227X0020T0 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 109D227X0020T0
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D227X0020T0 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button 109D227X0020T0 Datasheet HTML 2Page - Vishay Siliconix 109D227X0020T0 Datasheet HTML 3Page - Vishay Siliconix 109D227X0020T0 Datasheet HTML 4Page - Vishay Siliconix 109D227X0020T0 Datasheet HTML 5Page - Vishay Siliconix 109D227X0020T0 Datasheet HTML 6Page - Vishay Siliconix 109D227X0020T0 Datasheet HTML 7Page - Vishay Siliconix 109D227X0020T0 Datasheet HTML 8Page - Vishay Siliconix 109D227X0020T0 Datasheet HTML 9Page - Vishay Siliconix 109D227X0020T0 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
109D
www.vishay.com
Vishay
Revision: 28-Aug-17
6
Document Number: 40023
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
60 VDC AT +85 °C; 40 VDC AT +125 °C
4.0
C
109D405X0060C0
10.0
550
1.0
2.0
-16
+5
+6
110
8.2
C
109D825X0060C0
8.0
275
1.0
2.0
-24
+8
+9
140
20
F
109D206X0060F0
5.0
105
1.0
5.0
-16
+10.5
+12
270
39
F
109D396X0060F0
7.0
90
1.0
9.0
-28
+10.5
+12
230
50
T
109D506X0060T0
4.0
50
2.0
12
-16
+10.5
+12
410
68
T
109D686X0060T0
6.0
50
2.0
16
-32
+10.5
+12
340
140
K
109D147X0060K0
2.4
28
8.0
32
-40
+20
+20
430
75 VDC AT +85 °C; 50 VDC AT +125 °C
3.5
C
109D355X0075C0
10.0
650
1.0
2.0
-16
+5
+6
110
6.8
C
109D685X0075C0
8.0
300
1.0
2.0
-20
+8
+9
140
13
F
109D136X0075F0
6.0
160
1.0
4.0
-16
+8
+9
190
15
F
109D156X0075F0
6.5
150
1.0
5.0
-16
+8
+9
270
33
F
109D336X0075F0
7.0
90
1.0
10
-24
+10.5
+15
230
40
T
109D406X0075T0
5.0
60
2.0
12
-16
+10.5
+12
410
56
T
109D566X0075T0
6.0
60
2.0
17
-28
+10.5
+15
300
110
K
109D117X0075K0
3.1
29
9.0
36
-35
+20
+20
400
100 VDC AT +85 °C; 65 VDC AT +125 °C
2.5
C
109D255X0100C0
26.5
950
1.0
2.0
-16
+7
+8
100
3.0
C
109D305X0100C0
10.0
800
1.0
2.0
-16
+7
+8
110
4.7
C
109D475X0100C0
10.0
500
1.0
2.0
-16
+7
+8
130
10
F
109D106X0100F0
6.0
215
1.0
4.0
-16
+7
+8
190
11
F
109D116X0100F0
6.0
200
1.0
4.0
-16
+7
+8
230
22
F
109D226X0100F0
7.0
100
1.0
9.0
-16
+7
+8
230
30
T
109D306X0100T0
4.0
80
2.0
12
-16
+7
+8
340
43
T
109D436X0100T0
6.0
70
2.0
17
-20
+7
+8
300
86
K
109D866X0100K0
3.1
30
9.0
36
-25
+15
+15
400
125 VDC AT +85 °C; 85 VDC AT +125 °C
1.7
C
109D175X0125C0
54.6
1250
1.0
2.0
-16
+7
+8
100
3.6
C
109D365X0125C0
15.0
600
1.0
2.0
-16
+7
+8
110
9.0
F
109D905X0125F0
15.0
240
1.0
5.0
-16
+7
+8
210
14
F
109D146X0125F0
12.0
167
1.0
7.0
-16
+7
+8
190
18
T
109D186X0125T0
11.0
129
2.0
9.0
-16
+7
+8
340
25
T
109D256X0125T0
10.0
93
2.0
13
-16
+7
+8
260
56
K
109D566X0125K0
4.1
3.2
10
40
-25
+15
+15
400
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER (1)
MAX. ESR
AT +25 °C
120 Hz
(
)
MAX. IMP.
AT -55 °C
120 Hz
(
)
MAX. DCL
(μA) AT
MAX. CAPACITANCE
CHANGE (%) AT
MAX. RMS
RIPPLE
CURRENT
120 Hz
(mA)
+25 °C
+85 °C
+125 °C
-55 °C
+85 °C
+125 °C
Note
(1) Part numbers shown are for units with ± 20 % capacitance tolerance and uninsulated capacitors. For ± 10 % units, change the digit
following the letter “X” from “0” to “9”. For units with outer plastic-film insulation, substitute “2” for “0” at the end of the part number. For
RoHS-compliant add “E3”


Similar Part No. - 109D227X0020T0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D227X0008F0 VISHAY-109D227X0008F0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
109D227X0030F0 VISHAY-109D227X0030F0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
109D227X0060T0 VISHAY-109D227X0060T0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
109D227X0075K0 VISHAY-109D227X0075K0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
More results

Similar Description - 109D227X0020T0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com