Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T52E5476M035C0100 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T52E5476M035C0100
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T52E5476M035C0100 Datasheet(HTML) 4 Page - Vishay Siliconix

  T52E5476M035C0100 Datasheet HTML 1Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 2Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 3Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 4Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 5Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 6Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 7Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 8Page - Vishay Siliconix T52E5476M035C0100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
T52
www.vishay.com
Vishay
Revision: 05-Oct-17
4
Document Number: 40216
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Stability at low and
high temperatures
-55 °C
Capacitance change
Within -20 % to 0 % of initial value
Dissipation factor
Shall not exceed 150 % of initial limit
Leakage current
n/a
25 °C
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Within initial limit
85 °C
Capacitance change
Within 0 % to +40 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 1000 % of initial value
105 °C
Capacitance change
Within 0 % to +40 % of initial value
Dissipation factor
Within initial limits
Leakage current
Shall not exceed 1000 % of initial limits
Surge voltage
85 °C, 1000 successive test cycles at 1.3 of
rated voltage in series with a 33
 resistor at
the rate of 30 s ON, 30 s OFF
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
Shock
(specified pulse)
MIL-STD-202, method 213, condition E,
1000 g peak
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
Vibration
MIL-STD-202, method 204, condition D,
10 Hz to 2000 Hz 20 g peak
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Shear test
Apply a pressure load of 5 N for 10 s ± 1 s
horizontally to the center of capacitor side body
Capacitance change
Within ± 20 % of initial value
Dissipation factor
Within initial limit
Leakage current
Shall not exceed 300 % of initial limit
PRODUCT INFORMATION
Polymer Guide
www.vishay.com/doc?40076
Moisture Sensitivity
www.vishay.com/doc?40135
Infographic
www.vishay.com/doc?48084
Sample Board
www.vishay.com/doc?48073
FAQ
Frequently Asked Questions
www.vishay.com/doc?42106
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE


Similar Part No. - T52E5476M035C0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T52 VISHAY-T52 Datasheet
672Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
01-Jan-2023
logo
Magnetrol International...
T52-1E2A-BKP MAGNETROL-T52-1E2A-BKP Datasheet
267Kb / 8P
   Side Mounting Liquid Level Switches
T52-1E3N-KOG MAGNETROL-T52-1E3N-KOG Datasheet
283Kb / 24P
   Side Mounting Liquid Level Controls
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520 KEMET-T520 Datasheet
807Kb / 8P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T52E5476M035C0100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T52 VISHAY-T52_V01 Datasheet
672Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low Profile, Leadframeless Molded Type
01-Jan-2023
T59 VISHAY-T59_V01 Datasheet
668Kb / 18P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
01-Jan-2023
T59 VISHAY-T59 Datasheet
556Kb / 15P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type
Revision: 19-Oct-16
T58 VISHAY-T58 Datasheet
558Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 02-Nov-16
T58 VISHAY-T58_17 Datasheet
565Kb / 16P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
Revision: 05-Oct-17
T58 VISHAY-T58_V01 Datasheet
665Kb / 19P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Compact, Leadframeless Molded Type
01-Jan-2023
DLA20021 VISHAY-DLA20021_V01 Datasheet
635Kb / 17P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, DLA Approved
01-Jan-2023
T54 VISHAY-T54 Datasheet
558Kb / 15P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
Revision: 05-Oct-17
T54 VISHAY-T54_V01 Datasheet
723Kb / 24P
   vPolyTanTM Polymer Surface-Mount Chip Capacitors, Low ESR, Leadframeless Molded Type, Hi-Rel Commercial Off-The-Shelf (COTS)
01-Jan-2023
T55 VISHAY-T55_17 Datasheet
595Kb / 23P
   vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, High Performance Type
Revision: 25-Oct-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com