Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

109D226X0050F0 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 109D226X0050F0
Description  Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

109D226X0050F0 Datasheet(HTML) 3 Page - Vishay Siliconix

  109D226X0050F0 Datasheet HTML 1Page - Vishay Siliconix 109D226X0050F0 Datasheet HTML 2Page - Vishay Siliconix 109D226X0050F0 Datasheet HTML 3Page - Vishay Siliconix 109D226X0050F0 Datasheet HTML 4Page - Vishay Siliconix 109D226X0050F0 Datasheet HTML 5Page - Vishay Siliconix 109D226X0050F0 Datasheet HTML 6Page - Vishay Siliconix 109D226X0050F0 Datasheet HTML 7Page - Vishay Siliconix 109D226X0050F0 Datasheet HTML 8Page - Vishay Siliconix 109D226X0050F0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
109D
www.vishay.com
Vishay
Revision: 28-Aug-17
3
Document Number: 40023
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
68
C
F
F
T
70
F
82
T
86
K
100
F
F / T
T
110
K
120
F
T
140
F
K
150
T
160
K
170
T
180
F
T
220
F
T
250
T
270
F
T
K
290
T
T
300
K
330
T
350
K
390
T
430
T
540
K
560
T
750
K
850
K
1200
K
RATINGS AND CASE CODES (Extended)
μF
6 V
8 V
10 V
15 V
20 V
25 V
30 V
35 V
50 V
60 V
75 V
100 V
125 V
2.0
C
6.8
C
8.2
C
10
C
12
C
15
C
18
C
22
C
C
27
C
F
33
C
C
F
39
C
F
T
47
C
C
C
F
T
56
C
C
F
T
K
68
C
C
F
T
82
C
C
F
F
K
86
K
100
C
C
F
110
T
120
C
F
F
K
140
C
T
150
C
F
160
T
RATINGS AND CASE CODES (Standard)
μF
6 V
8 V
10 V
15 V
20 V
25 V
30 V
35 V
50 V
60 V
75 V
100 V
125 V


Similar Part No. - 109D226X0050F0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D226X0050F0 VISHAY-109D226X0050F0 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
More results

Similar Description - 109D226X0050F0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
109D VISHAY-109D_V01 Datasheet
107Kb / 10P
   Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
01-Jan-2022
109D VISHAY-109D Datasheet
94Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
Revision: 19-Jun-07
109D VISHAY-109D_08 Datasheet
90Kb / 6P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors for Operation to 125 °C, Elastomer-Sealed
Revision: 17-Mar-08
285D VISHAY-285D_07 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
138D VISHAY-138D Datasheet
253Kb / 7P
   Wet Tantalum Capacitors Sintered Anode TANTALEX Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision 15-Oct-03
200D VISHAY-200D Datasheet
576Kb / 9P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX TANTAPAK Capacitor Assemblies
Revision 25-Jun-04
138D VISHAY-138D_08 Datasheet
122Kb / 8P
   Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors Hermetically-Sealed with True Glass-to-Tantalum Seal
Revision: 17-Mar-08
738D VISHAY-738D Datasheet
137Kb / 5P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal, Sintered Anode TANTALEX Capacitors
Revision 20-Oct-03
200D VISHAY-200D_05 Datasheet
133Kb / 11P
   Wet Tantalum Capacitors Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
Revision: 14-Oct-05
200D VISHAY-200D_V01 Datasheet
162Kb / 15P
   Wet Tantalum Capacitors, Wet Sintered Anode TANTALEX® Components TANTAPAK® Capacitor Assemblies
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com