Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL04-36F1 Datasheet(PDF) 4 Page - Shindengen Electric Mfg.Co.Ltd

Part # DL04-36F1
Description  Bi-Directional Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

DL04-36F1 Datasheet(HTML) 4 Page - Shindengen Electric Mfg.Co.Ltd

  DL04-36F1 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd DL04-36F1 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd DL04-36F1 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd DL04-36F1 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Notes
1. If you wish to use any such product, please be sure to refer to the specifications issued by Shindengen.
2. All products described or contained herein are designed with a quality level intended for use in standard
applications requiring an ordinary level of reliability. If these products are to be used in equipment or devices
for special or specific applications requiring an extremely high grade of quality or reliability in which failures or
malfunctions of products may directly affect human life or health, a local Shindengen office must be contacted
in advance to confirm that the intended use of the product is appropriate. Shindengen products are grouped
into the following three applications according the quality grade.
【Standard applications】
Computers, office automation and other office equipment, communication terminals, test and
measurement equipment, audio/visual equipment, amusement equipment, consumer electronics,
machine tools, personal electronic equipment, industrial equipment, etc.
【Special applications】
Transportation equipment (vehicles, ships, etc.), trunk-line communication equipment, traffic signal
control systems, anti-disaster/crime systems, safety equipment, medical equipment, etc.
【Specific applications】
Nuclear reactor control systems, aircraft, aerospace equipment, submarine repeaters, life support
equipment and systems, etc.
3. Although Shindengen continuously endeavors to enhance the quality and reliability of its products, customers
are advised to consider and take safety measures in their design, such as redundancy, fire containment and
anti-failure, so that personal injury, fires, or societal damages can be prevented.
4. Please note that all information described or contained herein is subject to change without notice due to
product upgrades and other reasons. When buying Shindengen products, please contact the Company s
offices or distributors to obtain the latest information.
5. Shindengen shall not bear any responsibility with regards to damages or infringement of any third-party patent
rights and other intellectual property rights incurred due to the use of information on this website.
6. The information and materials on this website neither warrant the use of Shindengen's or any third partys
patent rights and other intellectual property rights, nor grant license to such rights.
7. In the event that any product described or contained herein falls under the category of strategic products
controlled under the Foreign Exchange and Foreign Trade Control Law of Japan, exporting of such products
shall require an export license from the Japanese government in accordance with the above law.
8. No reprinting or reproduction of the materials on this website, either in whole or in part, is permitted without
proper authorization from Shindengen.


Similar Part No. - DL04-36F1

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DL04-33F1 SHINDENGEN-DL04-33F1 Datasheet
1Mb / 5P
   TVS 9.5A, 400W
DL04-33F1 SHINDENGEN-DL04-33F1_17 Datasheet
151Kb / 4P
   Power Zener Diode
More results

Similar Description - DL04-36F1

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
ST02D-82 SHINDENGEN-ST02D-82_17 Datasheet
829Kb / 2P
   Bi-Directional Zener Diode
DL04-18F1 SHINDENGEN-DL04-18F1_10 Datasheet
702Kb / 1P
   Bi-directional zener diode
DL04-18F1 SHINDENGEN-DL04-18F1_17 Datasheet
2Mb / 2P
   Bi-Directional Zener Diode
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
   ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
logo
Bruckewell Technology L...
RSB18V BWTECH-RSB18V Datasheet
217Kb / 3P
   Bi-Directional Zener Diodes
logo
Rohm
RSB16F2 ROHM-RSB16F2 Datasheet
89Kb / 2P
   Bi-Directional Zener Diodes
RSB16V ROHM-RSB16V Datasheet
84Kb / 2P
   Bi-Directional Zener Diodes
RSB16VA ROHM-RSB16VA Datasheet
108Kb / 2P
   Bi-Directional Zener Diodes
RSB5.6S ROHM-RSB5.6S Datasheet
89Kb / 2P
   Bi-Directional Zener Diodes
RSB6.8F2FH ROHM-RSB6.8F2FH Datasheet
1Mb / 5P
   Bi-Directional Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com