Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPJ-G53S Datasheet(PDF) 2 Page - Sanken electric

Part # SPJ-G53S
Description  Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SPJ-G53S Datasheet(HTML) 2 Page - Sanken electric

  SPJ-G53S Datasheet HTML 1Page - Sanken electric SPJ-G53S Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
82
0
5
10
15
20
25
30
0.0005
0.001
0.01
0.1
1
10
50
0.0
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1.0
150
°C
125
°C
100
°C
60
°C
25
°C
150
°C
125
°C
100
°C
60
°C
25
°C
0
0.0
0.2
0.4
0.6
0.8
1.0
50
100
150
T
t
Tj=150
°C
t/T=1/6
VR=30V
t/T=1/3
D.C.
Sinewave
t/T=1/2
MI1A3
5
10
25
20
15
30
0
1
5
50
10
20ms
SFPB-54
025
50
40
75
100
125
0
0.2
0.4
0.6
0.8
1.0
t 1.6 P.C.B
Solder Land
=
3.0 35
µmCu
20
10
1
0.1
0.01
0.001
30
10
1
0.1
0.01
0.001
0.2
0.4
0.6
0.8
0
1.0
1.2
10
30
60
20
40
50
Ta 125
°C
=
100
°C
60
°C
25
°C
SFPB-56
2
6
4
10
8
0
1
5
50
10
20ms
025
50
40
75
100
125
0
0.2
0.4
0.6
0.8
1.0
t 1.6 P.C.B
Solder Land
=
3.0 35
µmCu
20
10
1
0.1
0.01
0.001
20
10
1
0.1
0.01
0.0005
0.001
0.2
0.4
0.6
0.8
0
1.0
1.2
10
50
30
70
90
100
°C
Ta 125
°C
=
60
°C
25
°C
0
1
5
50
10
20ms
2
8
6
4
10
SFPB-59
20
10
1
0.1
0.01
0.001
4
1
0.1
0.01
0.0005
0.001
0.2
0.4
0.6
0.8
0
1.0
1.2
Ta=125
°C
100
°C
60
°C
25
°C
10
50
30
70
90
110
100
°C
Ta 125
°C
=
60
°C
25
°C
025
50
40
75
100
125
0
0.2
0.4
0.6
0.8
1.0
t 1.6 P.C.B
Solder Land
=
3.0 35
µmCu
Ta=125
°C
100
°C
60
°C
25
°C
Ta=125
°C
100
°C
60
°C
25
°C
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Ta— IF (AV) Derating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Ambient Temperature Ta (
°C)
Ta— IF (AV) Derating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Ambient Temperature Ta (
°C)
Ta— IF (AV) Derating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
T — IF(AV) Characteristics
Lead Temperature T (
°C)
Characteristic Curves
Schottky Barrier Diodes


Similar Part No. - SPJ-G53S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SPJ-63S SANKEN-SPJ-63S Datasheet
25Kb / 1P
   Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V
More results

Similar Description - SPJ-G53S

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com