Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRCPB1000BMAHFW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BRCPB1000BMAHFW
Description  Thin Film Bar MOS Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRCPB1000BMAHFW Datasheet(HTML) 2 Page - Vishay Siliconix

  BRCPB1000BMAHFW Datasheet HTML 1Page - Vishay Siliconix BRCPB1000BMAHFW Datasheet HTML 2Page - Vishay Siliconix BRCPB1000BMAHFW Datasheet HTML 3Page - Vishay Siliconix BRCPB1000BMAHFW Datasheet HTML 4Page - Vishay Siliconix BRCPB1000BMAHFW Datasheet HTML 5Page - Vishay Siliconix BRCPB1000BMAHFW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BRCP
www.vishay.com
Vishay Electro-Films
Revision: 22-Jan-15
2
Document Number: 61106
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Substrate Material
Silicon
Dielectric
Silicon dioxide
Top Termination
Au 1 μm min.
Case Size
See table “Case Size Value and Tolerance”
Passivation
None
Number of Pads
1
Back Termination (Epoxy only)
TiW/Au
CASE SIZE VALUE AND TOLERANCE
NOMINAL VALUE
(pF)
CASE TYPE A
CASE TYPE B
BEST TOLERANCE
(± %)
MAX. OPERATING
VOLTAGE
(V)
5
+
-
10
100
7.5
+
-
7
100
10
+
+
5
100
12.5
+
+
5
100
15
+
+
5
100
17.5
+
-
5
100
20
+
+
5
100
22.5
+
-
5
100
25
+
+
5
100
27.5
+
-
5
100
30
+
+
5
100
32.5
+
-
5
100
35
+
+
5
100
37.5
+
-
5
100
40
+
+
5
100
42.5
+
-
5
100
45
+
+
5
100
47.5
+
-
5
100
50
+
+
5
100
55
-
+
5
100
60
-
+
5
100
65
-
+
5
100
70
-
+
5
100
75
-
+
5
100
80
-
+
5
100
85
-
+
5
100
90
-
+
5
100
95
-
+
5
100
100
-
+
5
100


Similar Part No. - BRCPB1000BMAHFW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRCPB1000BMAHFW VISHAY-BRCPB1000BMAHFW Datasheet
222Kb / 6P
   Thin Film Bar MOS Capacitors
01-Jan-2022
More results

Similar Description - BRCPB1000BMAHFW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRCP VISHAY-BRCP_V01 Datasheet
222Kb / 6P
   Thin Film Bar MOS Capacitors
01-Jan-2022
CBA VISHAY-CBA_V01 Datasheet
68Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
logo
M-System Co.,Ltd.
CBA MSYSTEM-CBA Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB_15 Datasheet
73Kb / 3P
   Thin Film Binary MOS Capacitors
Revision: 24-Sep-13
CBA VISHAY-CBA_15 Datasheet
76Kb / 3P
   Thin Film Binary MOS Capacitors
Revision: 02-May-13
CBA VISHAY-CBA Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBB VISHAY-CBB Datasheet
80Kb / 3P
   Thin Film Binary MOS Capacitors
logo
M-System Co.,Ltd.
CBB MSYSTEM-CBB Datasheet
80Kb / 3P
   Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB_V01 Datasheet
63Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com