Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54AC258 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC258
Description  Quad 2 Input Multiplexer With TRI - STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC258 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  54AC258 Datasheet HTML 1Page - National Semiconductor (TI) 54AC258 Datasheet HTML 2Page - National Semiconductor (TI) 54AC258 Datasheet HTML 3Page - National Semiconductor (TI) 54AC258 Datasheet HTML 4Page - National Semiconductor (TI) 54AC258 Datasheet HTML 5Page - National Semiconductor (TI) 54AC258 Datasheet HTML 6Page - National Semiconductor (TI) 54AC258 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MICROCIRCUIT DATA SHEET
MN54AC258-X REV 1B0
(Absolute Maximum Ratings)
(Note 1)
Supply Voltage (Vcc)
-0.5V to +7.0V
DC Input Diode Current (Iik)
-20 mA
Vi = -0.5V
+20 mA
Vi = Vcc +0.5V
DC Input VOltage (Vi)
-0.5V to Vcc +0.5V
DC Output Diode Current (Iok)
-20 mA
Vo = -0.5V
+20 mA
Vo = Vcc +0.5V
DC Output Voltage (Vo)
-0.5V to Vcc +0.5V
DC Output Source or Sink Current (Io)
+50 mA
DC Vcc or Ground Current Per Output Pin (Icc or Ignd)
+50 mA
Storage Temperature (Tstg)
-65 C to 150 C
Junction Temperature (Tj)
175 C
CDIP
Note 1:
Absolute maximum ratings are those values beyond which damage to the device may
occur.
The databook specification should be met, without exception, to ensure that
the system design is reliable over its power supply, temperature, and output/input
loading variables.
National does not recommend operation of FACT TM circuits outside
databook specifications.
Recommended Operating Conditions
Supply Voltage (Vcc)
2.0V to 6.0V
Input Voltage (Vi)
0V to Vcc
Output Voltage (Vo)
0V to Vcc
Operating Temperature (Ta)
-55 C to +125 C
Minimum Input Edge Rate (Delta V/Delta t)
AC Devices
Vin from 30% to 70% of Vcc
125 mV/ns
Vcc @ 3.0V, 4.5V, 5.5V
3


Similar Part No. - 54AC258

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54AC258 TI1-54AC258 Datasheet
188Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
54AC258D NSC-54AC258D Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC258F NSC-54AC258F Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC258L NSC-54AC258L Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results

Similar Description - 54AC258

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
National Semiconductor ...
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC257 NSC-54AC257 Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258ADM NSC-54F258ADM Datasheet
159Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54AC258 TI1-54AC258 Datasheet
188Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258A TI1-54F258A Datasheet
409Kb / 10P
[Old version datasheet]   54F258A 74F258A Quad 2-Input Multiplexer with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com