Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G58DCKRG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G58DCKRG4
Description  CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G58DCKRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G58DCKRG4 Datasheet HTML 1Page - Texas Instruments SN74LVC1G58DCKRG4 Datasheet HTML 2Page - Texas Instruments SN74LVC1G58DCKRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC1G58DCKRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G58DCKRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G58DCKRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G58DCKRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G58DCKRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G58DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
3
2
4
6
1
In1
In2
Y
GND
In0
DBV PACKAGE
(TOP VIEW)
YEA, YEP, YZA,
OR YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
6
1
In1
In2
Y
GND
In0
3
2
4
6
1
In1
In2
Y
GND
In0
In1
In0
In2
Y
GND
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
6
VCC
VCC
VCC
5
VCC
5
5
5
DESCRIPTION/ORDERING INFORMATION
SN74LVC1G58
CONFIGURABLE MULTIPLE-FUNCTION GATE
SCES415I – NOVEMBER 2002 – REVISED JUNE 2005
Ioff Supports Partial-Power-Down Mode
Operation
Available in the Texas Instruments
NanoStar™ and NanoFree™ Packages
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
Supports 5-V VCC Operation
ESD Protection Exceeds JESD 22
Inputs Accept Voltages to 5.5 V
– 2000-V Human-Body Model (A114-A)
Max tpd of 6.3 ns at 3.3 V
– 200-V Machine Model (A115-A)
Low Power Consumption, 10-
µA Max I
CC
– 1000-V Charged-Device Model (C101)
±24-mA Output Drive at 3.3 V
This configurable multiple-function gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G58 features configurable multiple functions. The output state is determined by eight patterns of
3-bit input. The user can choose the logic functions AND, OR, NAND, NOR, XOR, inverter, and noninverter. All
inputs can be connected to VCC or GND.
This device functions as an independent gate, but because of Schmitt action, it may have different input
threshold levels for positive-going (VT+) and negative-going (VT–) signals.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74LVC1G58YEAR
0.17-mm Small Bump – YEA
NanoFree™ – WCSP (DSBGA)
SN74LVC1G58YZAR
0.17-mm Small Bump – YZA (Pb-free)
Tape and reel
_ _ _CP_
NanoStar™ – WCSP (DSBGA)
SN74LVC1G58YEPR
0.23-mm Large Bump – YEP
–40°C to 85°C
NanoFree™ – WCSP (DSBGA)
SN74LVC1G58YZPR
0.23-mm Large Bump – YZP (Pb-free)
SOT (SOT-23) – DBV
Tape and reel
SN74LVC1G58DBVR
C58_
SOT (SC-70) – DCK
Tape and reel
SN74LVC1G58DCKR
CP_
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G58DRLR
CP_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA,YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G58DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G58DCKRG4 TI1-SN74LVC1G58DCKRG4 Datasheet
1Mb / 24P
[Old version datasheet]   Configurable Multiple-Function Gate
More results

Similar Description - SN74LVC1G58DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com