Electronic Components Datasheet Search |
|
BRCPB1000AMGCHW Datasheet(PDF) 1 Page - Vishay Siliconix |
|
BRCPB1000AMGCHW Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 6 page BRCP www.vishay.com Vishay Electro-Films Revision: 22-Jan-15 1 Document Number: 61106 For technical questions, contact: efi@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Thin Film Bar MOS Capacitors Product may not be to scale The bar capacitor is a MOS capacitor designed for hybrid assemblies requiring ultra high power rating with miniature case size. FEATURES • Robust MOS construction • Allows for multiple wire bonds. At the lowest values, case A will accept 7 bonds and case B will accept 15. • Low D, high Q • Excellent load life stability APPLICATIONS • Hybrid assemblies • Low pass LC, RC, or LRC lumped filter • RF blocking on DC feeds • Impedance matching • SiC or GaN high frequency / high power applications Note (1) See table “Case Size Value and Tolerance”. WV (DC) VALUES AND TOLERANCES CAPACITOR MODEL A B UNIT Case Size 1204 2404 Capacitance Values 5 to 50 10 to 100 pF Tolerance 5 5 % DC Working Voltage 100 100 V STANDARD ELECTRICAL SPECIFICATIONS PARAMETER VALUE UNIT Capacitance Range 5 to 100 pF Absolute Tolerance, 1 kHz (1) Down to ± 5 % Absolute TCC, -55 ° to 125 °C ± 50 ppm/°C Operating Temperature Range -55 to +150 °C Operating Voltage 100 max. V Dissipation Factor, 1 MHz 0.01 max. Absolute Value Stability, 1 kHz, 1000 h, 70 °C, 100 VDC ± 0.25 % Short Time Overload, 2 x Rated Voltage, 25 °C, 5 s ± 0.25 % Thermal Shock, MIL-STD-202, Method 107 F ± 0.25 % Moisture Resistance, MIL-STD-202, Method 106* ± 0.25 % High Temperature Exposure, 100 h, 150 °C ± 0.25 % Low Temperature Operation, -65 °C, 45 min, 100 VDC ± 0.25 % |
Similar Part No. - BRCPB1000AMGCHW |
|
Similar Description - BRCPB1000AMGCHW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |