Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUE710-64G-CBK Datasheet(PDF) 1 Page - A-Data Technology

Part # AUE710-64G-CBK
Description  i-Memory App support Live Photos back up
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-DATA [A-Data Technology]
Direct Link  https://www.adata.com
Logo A-DATA - A-Data Technology

AUE710-64G-CBK Datasheet(HTML) 1 Page - A-Data Technology

  AUE710-64G-CBK Datasheet HTML 1Page - A-Data Technology AUE710-64G-CBK Datasheet HTML 2Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
i-Memory Flash Drive UE710
The UE710 provides a luxurious design with meticulous quality plus the convenience of combined Lightning and USB
3.0 connectivity. With up to 128GB capacity and a free and easy to use app, the UE710 enables effortless high speed
content access anywhere on iPhone, iPad, and iPod, plus interconnectivity with PC/Mac. Users can download the
i-Memory app, which delivers easy content management, file preview, camera roll access, Ultra HD 4K playback, and
compatibility with Apple AirPlay. It brings together advanced usability and an exquisite style, making it a very
appealing choice for Apple fans everywhere.
Free i-Memory App Supports High Quality
Audio and Video Playback
Supports Ultra HD 4K video playback
Supports Apple AirPlay audio and video content with
Apple TV compatibility
The iPhone-perfect delightful accessory
The stylish rose gold UE710 with its i-Memory app easily
stores and plays 4K video. In addition, first innovation
to Live Photos backup function. Share and enjoy in
more vivid detail than ever before, anytime.


Similar Part No. - AUE710-64G-CBK

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
AUE CONQUER-AUE Datasheet
195Kb / 1P
   10.3Ø x 38.1 mm
AUE CONQUER-AUE Datasheet
195Kb / 1P
   10.3Ø x 38.1 mm
More results

Similar Description - AUE710-64G-CBK

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXS NIC-NEXS Datasheet
116Kb / 1P
   Memory Back-Up Capacitors
NEXA NIC-NEXA Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
   Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
   Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEXM NIC-NEXM Datasheet
83Kb / 1P
   Memory Back-Up Capacitors
NEXT NIC-NEXT Datasheet
174Kb / 1P
   Memory Back-Up Capacitors
NEZH NIC-NEZH Datasheet
138Kb / 2P
   Memory Back-Up Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com