Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C08-WDW3T Datasheet(PDF) 5 Page - STMicroelectronics

Part # M24C08-WDW3T
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-WDW3T Datasheet(HTML) 5 Page - STMicroelectronics

  M24C08-WDW3T Datasheet HTML 1Page - STMicroelectronics M24C08-WDW3T Datasheet HTML 2Page - STMicroelectronics M24C08-WDW3T Datasheet HTML 3Page - STMicroelectronics M24C08-WDW3T Datasheet HTML 4Page - STMicroelectronics M24C08-WDW3T Datasheet HTML 5Page - STMicroelectronics M24C08-WDW3T Datasheet HTML 6Page - STMicroelectronics M24C08-WDW3T Datasheet HTML 7Page - STMicroelectronics M24C08-WDW3T Datasheet HTML 8Page - STMicroelectronics M24C08-WDW3T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5/29
M24C16, M24C08, M24C04, M24C02, M24C01
SIGNAL DESCRIPTION
Serial Clock (SCL). This input signal is used to
strobe all data in and out of the device. In applica-
tions where this signal is used by slave devices to
synchronize the bus to a slower clock, the bus
master must have an open drain output, and a
pull-up resistor can be connected from Serial
Clock (SCL) to VCC. (Figure 4. indicates how the
value of the pull-up resistor can be calculated). In
most applications, though, this method of synchro-
nization is not employed, and so the pull-up resis-
tor is not necessary, provided that the bus master
has a push-pull (rather than open drain) output.
Serial Data (SDA). This bi-directional signal is
used to transfer data in or out of the device. It is an
open drain output that may be wire-OR’ed with
other open drain or open collector signals on the
bus. A pull up resistor must be connected from Se-
rial Data (SDA) to VCC. (Figure 4. indicates how
the value of the pull-up resistor can be calculated).
Chip Enable (E0, E1, E2). These input signals
are used to set the value that is to be looked for on
the three least significant bits (b3, b2, b1) of the 7-
bit Device Select Code. These inputs must be tied
to VCC or VSS, to establish the Device Select
Code.
Write Control (WC). This input signal is useful
for protecting the entire contents of the memory
from inadvertent write operations. Write opera-
tions are disabled to the entire memory array when
Write Control (WC) is driven High. When uncon-
nected, the signal is internally read as VIL, and
Write operations are allowed.
When Write Control (WC) is driven High, Device
Select and Address bytes are acknowledged,
Data bytes are not acknowledged.
Figure 4. Maximum RL Value versus Bus Capacitance (CBUS) for an I
2C Bus
AI01665
VCC
CBUS
SDA
RL
MASTER
RL
SCL
CBUS
100
0
4
8
12
16
20
CBUS (pF)
10
1000
fc = 400kHz
fc = 100kHz


Similar Part No. - M24C08-WDW3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C08-WDW3TP/S STMICROELECTRONICS-M24C08-WDW3TP/S Datasheet
510Kb / 39P
   16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
More results

Similar Description - M24C08-WDW3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
logo
Rohm
BU99022NUX-3 ROHM-BU99022NUX-3 Datasheet
585Kb / 26P
   I2C BUS 2kbit 2kbit 2ports serial EEPROM
logo
STMicroelectronics
M95080 STMICROELECTRONICS-M95080 Datasheet
648Kb / 40P
   16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
M93S66 STMICROELECTRONICS-M93S66 Datasheet
525Kb / 34P
   4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
logo
E-CMOS Corporation
EC24C02B E-CMOS-EC24C02B Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
   I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
Rohm
BR34L02-W ROHM-BR34L02-W Datasheet
1Mb / 17P
   2Kbit Serial I2C BUS EEPROM For SPD DRAM Memory Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com