Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1017874 Datasheet(PDF) 2 Page - SICK AG

Part # 1017874
Description  PHOTOELECTRIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1017874 Datasheet(HTML) 2 Page - SICK AG

  1017874 Datasheet HTML 1Page - SICK AG 1017874 Datasheet HTML 2Page - SICK AG 1017874 Datasheet HTML 3Page - SICK AG 1017874 Datasheet HTML 4Page - SICK AG 1017874 Datasheet HTML 5Page - SICK AG 1017874 Datasheet HTML 6Page - SICK AG 1017874 Datasheet HTML 7Page - SICK AG 1017874 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WS/WE24-2B333 | W24-2
PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
WS/WE24-2B333
1017874
Other models and accessories
www.sick.com/W24-2
Detailed technical data
Features
Sensor/ detection principle
Through-beam photoelectric sensor
Dimensions (W x H x D)
27 mm x 87.5 mm x 65 mm
Housing design (light emission)
Rectangular
Sensing range max.
0 m ... 60 m
Sensing range
0 m ... 50 m
Type of light
Visible red light
Light source
LED 1)
Light spot size (distance)
Ø 700 mm (50 m)
Angle of dispersion
Approx. 1°
Adjustment
Potentiometer
Time type
On delay
Off delay
Delay time
Adjustable via time delay selector switch, 0.5 s, 10 s
1) Average service life: 100,000 h at TU = +25 °C.
Communication interface
Communication interface
-
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) A = VS connections reverse-polarity protected.
7) C = interference suppression.
8) D = outputs overcurrent and short-circuit protected.
9) Reference voltage: 50 V DC.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 11:23:44
Subject to change without notice


Similar Part No. - 1017874

ManufacturerPart #DatasheetDescription
logo
SICK AG
1017870 SICK-1017870 Datasheet
1Mb / 7P
   CONTRAST SENSORS
logo
Weidmuller
1017870000 WEIDMULLER-1017870000 Datasheet
75Kb / 4P
   BLF 5.00/03/180 SN OR BX
logo
SICK AG
1017875 SICK-1017875 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
1017876 SICK-1017876 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
1017877 SICK-1017877 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 1017874

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com