Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLT280L-2P1536 Datasheet(PDF) 3 Page - SICK AG

Part # WLT280L-2P1536
Description  PHOTOELECTRIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLT280L-2P1536 Datasheet(HTML) 3 Page - SICK AG

  WLT280L-2P1536 Datasheet HTML 1Page - SICK AG WLT280L-2P1536 Datasheet HTML 2Page - SICK AG WLT280L-2P1536 Datasheet HTML 3Page - SICK AG WLT280L-2P1536 Datasheet HTML 4Page - SICK AG WLT280L-2P1536 Datasheet HTML 5Page - SICK AG WLT280L-2P1536 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WLT280L-2P1536 | PowerProx
PHOTOELECTRIC SENSORS
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
≤ 3 Vpp
Power consumption
≤ 70 mA 2)
Output type
PNP
Number of switching outputs
2 (Q1, Q2) 3)
Switching mode
Light/dark switching
Switching mode selector
Selectable via light/dark rotary switch
Output current Imax.
≤ 100 mA
Response time
≤ 0.5 ms 4)
Switching frequency
1,000 Hz 5)
Analog output
-
Input
Sender off
Connection type
Cable, 5-wire, 2 m 6)
Cable material
PVC
Conductor cross-section
0.18 mm²
Cable diameter
Ø 3.8 mm
Circuit protection
7)
8)
9)
10)
Protection class
III
Weight
120 g
Housing material
Plastic, ABS
Optics material
Plastic, PMMA
Enclosure rating
IP67
Items supplied
Reflector P250
EMC
EN 60947-5-2
Ambient operating temperature
–10 °C ... +50 °C
Ambient storage temperature
–40 °C ... +70 °C
UL File No.
NRKH2.E300503 & NRKH8.E300503
1) Limit values. Operated in short-circuit protected network: max. 8 A.
2) Without load.
3) Q1, Q2 = 2 switching thresholds, light/dark switching selectable via light/dark selector.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) Do not bend below 0 °C.
7) A = VS connections reverse-polarity protected.
8) B = output reverse-polarity protected.
9) C = interference suppression.
10) D = outputs overcurrent and short-circuit protected.
Classifications
ECl@ss 5.0
27270904
2017-09-27 17:50:43 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


Similar Part No. - WLT280L-2P1536

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLT280L-2P2536 SICK-WLT280L-2P2536 Datasheet
570Kb / 6P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WLT280L-2P1536

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com