Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1018315 Datasheet(PDF) 4 Page - SICK AG

Part # 1018315
Description  PHOTOELECTRIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1018315 Datasheet(HTML) 4 Page - SICK AG

  1018315 Datasheet HTML 1Page - SICK AG 1018315 Datasheet HTML 2Page - SICK AG 1018315 Datasheet HTML 3Page - SICK AG 1018315 Datasheet HTML 4Page - SICK AG 1018315 Datasheet HTML 5Page - SICK AG 1018315 Datasheet HTML 6Page - SICK AG 1018315 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WT24-2R519 | W24-2
PHOTOELECTRIC SENSORS
Adjustments possible
WT24-2, WL24-2, WS/WE24-2, AC/DC
D
H
2
ß
à
②  LED signal strength indicator
⑩  Adjustment sensing range (WT) / sensitivity (WL, WS/WE)
⑪  Light/dark selector
Characteristic curve
WT24-2, infrared light
10
8
6
4
2
0
6%/90%
18%/90%
90%/90%
mm
(inch)
500
(19.69)
1000
(39.37)
1500
(59.06)
2000
(78.74)
2500
(98.43)
3000
(118.11)
Distance in mm (inch)
1
2
3
①  Sensing range on black, 6% remission
②  Sensing range on gray, 18 % remission
③  Sensing range on white, 90% remission
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 11:23:44
Subject to change without notice


Similar Part No. - 1018315

ManufacturerPart #DatasheetDescription
logo
SICK AG
1018313 SICK-1018313 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
1018316 SICK-1018316 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
1018317 SICK-1018317 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSORS
1018318 SICK-1018318 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 1018315

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com