Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BRCPB1000AJGHHW Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BRCPB1000AJGHHW
Description  Thin Film Bar MOS Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BRCPB1000AJGHHW Datasheet(HTML) 1 Page - Vishay Siliconix

  BRCPB1000AJGHHW Datasheet HTML 1Page - Vishay Siliconix BRCPB1000AJGHHW Datasheet HTML 2Page - Vishay Siliconix BRCPB1000AJGHHW Datasheet HTML 3Page - Vishay Siliconix BRCPB1000AJGHHW Datasheet HTML 4Page - Vishay Siliconix BRCPB1000AJGHHW Datasheet HTML 5Page - Vishay Siliconix BRCPB1000AJGHHW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BRCP
www.vishay.com
Vishay Electro-Films
Revision: 22-Jan-15
1
Document Number: 61106
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Bar MOS Capacitors
Product may not be to scale
The bar capacitor is a MOS capacitor designed for hybrid
assemblies requiring ultra high power rating with miniature
case size.
FEATURES
• Robust MOS construction
• Allows for multiple wire bonds. At the lowest
values, case A will accept 7 bonds and case B
will accept 15.
• Low D, high Q
• Excellent load life stability
APPLICATIONS
• Hybrid assemblies
• Low pass LC, RC, or LRC lumped filter
• RF blocking on DC feeds
• Impedance matching
• SiC or GaN high frequency / high power applications
Note
(1) See table “Case Size Value and Tolerance”.
WV (DC) VALUES AND TOLERANCES
CAPACITOR MODEL
A
B
UNIT
Case Size
1204
2404
Capacitance Values
5 to 50
10 to 100
pF
Tolerance
5
5
%
DC Working Voltage
100
100
V
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
VALUE
UNIT
Capacitance Range
5 to 100
pF
Absolute Tolerance, 1 kHz (1)
Down to ± 5
%
Absolute TCC, -55 ° to 125 °C
± 50
ppm/°C
Operating Temperature Range
-55 to +150
°C
Operating Voltage
100 max.
V
Dissipation Factor, 1 MHz
0.01 max.
Absolute Value Stability, 1 kHz, 1000 h, 70 °C, 100 VDC
± 0.25
%
Short Time Overload, 2 x Rated Voltage, 25 °C, 5 s
± 0.25
%
Thermal Shock, MIL-STD-202, Method 107 F
± 0.25
%
Moisture Resistance, MIL-STD-202, Method 106*
± 0.25
%
High Temperature Exposure, 100 h, 150 °C
± 0.25
%
Low Temperature Operation, -65 °C, 45 min, 100 VDC
± 0.25
%


Similar Part No. - BRCPB1000AJGHHW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRCPB1000AJGHHW VISHAY-BRCPB1000AJGHHW Datasheet
222Kb / 6P
   Thin Film Bar MOS Capacitors
01-Jan-2022
More results

Similar Description - BRCPB1000AJGHHW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BRCP VISHAY-BRCP_V01 Datasheet
222Kb / 6P
   Thin Film Bar MOS Capacitors
01-Jan-2022
CBA VISHAY-CBA_V01 Datasheet
68Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
logo
M-System Co.,Ltd.
CBA MSYSTEM-CBA Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB_15 Datasheet
73Kb / 3P
   Thin Film Binary MOS Capacitors
Revision: 24-Sep-13
CBA VISHAY-CBA_15 Datasheet
76Kb / 3P
   Thin Film Binary MOS Capacitors
Revision: 02-May-13
CBA VISHAY-CBA Datasheet
83Kb / 3P
   Thin Film Binary MOS Capacitors
CBB VISHAY-CBB Datasheet
80Kb / 3P
   Thin Film Binary MOS Capacitors
logo
M-System Co.,Ltd.
CBB MSYSTEM-CBB Datasheet
80Kb / 3P
   Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB_V01 Datasheet
63Kb / 3P
   Thin Film Binary MOS Capacitors
01-Jan-2022
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
   Thin-Film Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com