Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS02B Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS02B
Description  METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS02B Datasheet(HTML) 1 Page - Suntan Capacitors

  TS02B_17 Datasheet HTML 1Page - Suntan Capacitors TS02B_17 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
Suntan®
NON-INDUCTIVE, PLASTIC CASE AND EPOXY RESIN
TS02B
F E A T U R E S
‧ High reliability
‧ Box type provides the identical
outer appearance
S
P
E
C
I
F
I
C
A
T
I
O
N
S
Reference Standard
GB7332 (IEC 60384-2)
Climatic Category
40/85/21
Operating Temperature Range
-40℃~+85℃
Rated Voltage
63V, 100V, 160V, 250V, 400V, 630V
Capacitance Range
0.0010µF – 2.2µF
Capacitance Tolerance
±5%(J), ±10%(K), ±20%(M)
Voltage Proof
1.6UR (5s)
Dissipation Factor
Frequency
CR≤0.1µF
CR>0.1µF
1kHz
≤1.0%
≤1.0%
Insulation Resistance
UR>100V
≥7500MΩ, CR≤0.33µF
(20℃, 100V, 1min)
≥2500s,
CR>0.33µF
UR≤100V
≥3750MΩ, CR≤0.33µF
(20℃, 10V, 1min)
≥1250s,
CR>0.33µF
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS02B_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS02B SUNTAN-TS02B Datasheet
397Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
More results

Similar Description - TS02B_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS02B SUNTAN-TS02B Datasheet
397Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR-BOX-MEC
TS05 SUNTAN-TS05_17 Datasheet
298Kb / 1P
   METALLIZED POLYESTER FILM CAPACITOR ??MINI BOX
TS05 SUNTAN-TS05 Datasheet
150Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR - MINI BOX
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com