Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTV24LC08 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MTV24LC08
Description  2-Wire 8912-Bit Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV24LC08 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MTV24LC08 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV24LC08 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV24LC08 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV24LC08 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV24LC08 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV24LC08 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV24LC08 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV24LC08 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV24LC08 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MYSON
TECHNOLOGY
MTV24C08/
24LC08
(Preliminary)
MTV24C08/24LC08 Revision.1.0 11/03/1999
7/15
Pin Name
A0, A1
N.C.
A2
Device Address inputs
Vss
Ground
SDA
Data I/O
SCL
Clock input
WP
Write Protect
Vcc
+ 5 V or + 3 V
3.0 ABSOLUTE MAXIMUM RATINGS
Storage Temperature................................-65
°C to + 125°C
Voltage with Respect to Ground.................-0.3 to + 6.5 V
NOTE: These are STRESS rating only. Appropriate conditions for operating these devices given elsewhere
may permanently damage the part. Prolonged exposure to maximum ratings may affect device reliability.
4.0 OPERATING CONDITIONS
Temperature under bias: MTV24C08/24LC08.......0
°C to + 70°C
MTV24C08/24LC08-I.....-40
°C to + 85°C
VCC
WP
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
5
6
7
8
24C08
or
24LC08
TSSOP
VCC
WP
SCL
SDA
A0
A1
A2
VSS
VCC
WP
SCL
SDA
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
1
2
3
4
5
6
7
8
Dual-In-Line
package
SO package
(M8)
24C08
or
24LC08
24C08
or
24LC08


Similar Part No. - MTV24LC08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTV20N50E MOTOROLA-MTV20N50E Datasheet
273Kb / 10P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
logo
ON Semiconductor
MTV20N50E ONSEMI-MTV20N50E Datasheet
287Kb / 11P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
Inchange Semiconductor ...
MTV20N50E ISC-MTV20N50E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
List of Unclassifed Man...
MTV212A16 ETC1-MTV212A16 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212A16 ETC2-MTV212A16 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
More results

Similar Description - MTV24LC08

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
24C256 ISSI-24C256 Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
24C128 ISSI-24C128 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
   CMOS 2-WIRE SERIAL EEPROM
logo
Integrated Silicon Solu...
IS24C64 ISSI-IS24C64 Datasheet
81Kb / 11P
   65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com