Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS05D Datasheet(PDF) 2 Page - Suntan Capacitors

Part # TS05D
Description  METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS05D Datasheet(HTML) 2 Page - Suntan Capacitors

  TS05D_17 Datasheet HTML 1Page - Suntan Capacitors TS05D_17 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
Suntan®
FOR ENERGY LAMP
TS05D
Pattern I
50/63VDC
100VDC
250VDC
400VDC
630VDC
50/63VDC
100VDC
µ
F
Size
H±0.2
Size
H±0.2
Size
H±0.2
Size
H±0.2
Size
H±0.2
µ
F
Size
H±0.2
Size
H±0.2
0.001
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.1
1812
2.0
1812
2.0
0.0012
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.12
1812
1.4
2220
1.4
0.0015
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.15
1812
1.4
2220
1.4
0.0018
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.18
1812
2.0
2220
1.4
0.0027
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.22
1812
2.0
2220
1.8
0.0033
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.27
2220
1.4
2220
2.4
0.0039
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.33
2220
1.4
2220
2.8
0.0047
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.39
2220
1.8
2220
--
0.0056
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.4
0.47
2220
1.8
2220
--
0.0068
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
1.8
0.56
2220
2.4
2220
--
0.0082
1812
1.4
1812
1.4
1812
1.4
1812
1.4
2220
2.0
0.68
2220
2.8
2220
--
0.01
1812
1.4
1812
1.4
1812
1.4
1812
2.0
2220
2.4
0.012
1812
1.4
1812
1.4
1812
1.4
1812
2.0
2220
2.8
0.015
1812
1.4
1812
1.4
1812
1.4
2220
1.4
2220
3.6
0.018
1812
1.4
1812
1.4
2220
1.4
2220
1.4
2220
4.0
0.022
1812
1.4
1812
1.4
2220
1.8
2220
2.0
--
--
0.027
1812
1.4
1812
1.4
2220
2.0
2220
2.4
--
--
0.033
1812
1.4
1812
1.4
2220
1.4
2220
2.8
--
--
0.039
1812
1.8
1812
1.8
2220
1.4
2220
3.2
--
--
0.047
1812
2.0
1812
2.0
2220
1.8
2220
3.6
--
--
0.056
1812
1.4
1812
1.4
2220
1.8
--
--
--
--
0.068
1812
1.4
1812
1.4
2220
2.4
--
--
--
--
0.082
1812
1.4
1812
1.4
--
--
--
--
--
--
Pattern II
50/60VDC
100VDC
250VDC
µ
F
Size
H±0.2
Size
H±0.2
Size
H±0.2
0.001
1206
1.1
1206
1.1
1206
1.1
0.0012
1206
1.1
1206
1.1
1206
1.1
0.0015
1206
1.1
1206
1.1
1206
1.1
0.0018
1206
1.1
1206
1.1
1206
1.1
0.0022
1206
1.1
1206
1.1
1206
1.1
0.0027
1206
1.1
1206
1.1
1206
1.1
0.0033
1206
1.1
1206
1.1
1206
1.1
0.0039
1206
1.1
1206
1.1
1206
1.5
0.0047
1206
1.1
1206
1.1
1206
1.5
0.0056
1206
1.1
1206
1.1
1210
1.5
0.0068
1206
1.1
1206
1.1
1210
1.5
0.0082
1206
1.1
1206
1.1
1210
1.5
0.01
1206
1.1
1206
1.1
1210
2.1
0.012
1206
1.1
1206
1.1
1210
2.1
0.015
1206
1.1
1206
1.1
*
*
0.018
1206
1.1
1210
1.1
1812
1.4
0.022
1206
1.1
1210
1.1
1812
1.8
0.027
1206
1.1
1210
1.5
1812
2.0
0.033
1206
1.5
1210
1.5
1812
2.4
0.039
1210
2.1
1210
2.1
*
*
0.047
1210
2.1
1210
2.1
*
*
0.056
1210
1.5
*
*
*
*
0.068
1210
1.5
*
*
*
*
0.082
1210
2.1
*
*
2220
2.8
0.1
1210
2.1
*
*
2220
3.2
0.12
*
*
1812
2.4
2220
4.0
0.15
*
*
*
*
--
--
0.18
*
*
*
*
--
--
0.22
*
*
*
*
--
--
0.27
*
*
*
*
----
--
0.33
*
*
*
*
--
--
0.39
*
*
2220
3.2
--
--
0.47
*
*
2220
4.0
--
--
0.56
*
*
2220
4.4
--
--
0.68
*
*
--
--
--
--
0.82
2220
3.2
--
--
--
--
1.0
2220
4.0
--
--
--
--
NOTE: ‘*’ indicates it is as same as the pattern I
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan Technology Company Limited Website: www.suntan.com.hk Email: info@suntan.com.hk Tel: (852) 8202 8782 Fax: (852) 8208 6246
®


Similar Part No. - TS05D_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS05D SUNTAN-TS05D Datasheet
99Kb / 2P
   METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
More results

Similar Description - TS05D_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS05D SUNTAN-TS05D Datasheet
99Kb / 2P
   METALLIZED POLYETHYLENE NAPHTALATE FILM CAPACITOR-STACKED SMD
TS05M SUNTAN-TS05M Datasheet
72Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
TS05M SUNTAN-TS05M_17 Datasheet
220Kb / 1P
   METALLIZED POLYPHENYLENE SULFIDE FILM CAPACITOR-STACKED SMD
logo
Panasonic Semiconductor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
logo
Suntan Capacitors
TS05S SUNTAN-TS05S Datasheet
147Kb / 2P
   METALLIZED POLYESTER FILM CAPACITOR - STACKED
logo
Panasonic Semiconductor
ECQ-V1H154JL2 PANASONIC-ECQ-V1H154JL2 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com