Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS11 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS11
Description  ELECTRICAL APPARATUE USE METALLIZED FILM WITH PRECISELY QUALITY CONTROL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS11 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS11_17 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOTOR CAPACITOR-CBB61
Suntan®
ELECTRICAL APPARATUE USE METALLIZED FILM WITH PRECISELY QUALITY CONTROL
TS11
F E A T U R E S
‧ High safety. High reliability
‧ High I.R. (insulation resistance) small size.
‧ Low D.F. (dissipation factor), lower temperature rise.
‧ Durability and characteristics of frequency, etc..
S
PEC
IF
ICA
TIO
NS
OPERATING CONDITION
CAPACITANCE RANGE
CAPACITANCE TOLERANCE
RATED VOLTAGE
WITHSTAND VOLTAGE
DISSIPATION FACTORY
INSULATION RESISTANCE
-40℃~+85℃
1uF~20uF(TS11-B~D、TS11-5~7、TS11-9)
J(±5%)、K(±10%)
250V 450V (AC)
AC≥2UR 2S(lmax≤1.3 lnA)
≤0.003 1KHz
≥3000S
TS11-B
TS11-C
TS11-D
TS11-5
TS11-6
TS11-7
TS11-8
TS11-9
Remark: PVC wires are not guarantee centered on the bottom, the wire position not affect the capacitors performance.
Dimensions (mm)
CAP
TS11-C, TS11-5, TS11-9
TS11-B, TS11-D, TS11-6, TS11-7
250VAC
450VAC
250VAC
450VAC
uF
L
T
H
L
T
H
L
T
H
L
T
H
0.5
26.5
12.5
21
26.5
12.5
21
26.5
12
20
25.5
12
20
1
26.5
12.5
21
32
14
24
26.5
12
20
32
14
25
2
32
14
24
37
17
28
32
14
25
37
17
28
2.5
32
14
24
37
17
28
32
14
25
37
17
28
3
32
14
24
38
20
30
32
14
25
38
20
30
5
37
17
28
47
20
34
37
17
28
47
20
34
6
37
17
28
47
23
34
37
17
28
47
23
34
8
47
17.5
33
47
28
34
47
18
32
47
28
34
10
47
17.5
33
47
32
40
47
18
32
47
30
40
12
47
23
34
47
32
43
47
23
34
--
--
--
15
47
25
34
--
--
--
47
25
34
--
--
--
20
47
28
37
--
--
--
47
28
37
--
--
--
Please visit our website to get more update data, those data & specification are subject to change without notice.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS11_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS11-11 SUNTAN-TS11-11_17 Datasheet
371Kb / 3P
   ELECTRICAL APPARATUE USE METALLIZED FILM WITH PRECISELY QUALITY CONTROL
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
logo
Silicon Laboratories
TS1101-100-EG6 SILABS-TS1101-100-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1101-100-EG6T SILABS-TS1101-100-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1101-100EG6 SILABS-TS1101-100EG6 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS11_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS11-11 SUNTAN-TS11-11_17 Datasheet
371Kb / 3P
   ELECTRICAL APPARATUE USE METALLIZED FILM WITH PRECISELY QUALITY CONTROL
logo
jb Capacitors Company
JFS JBCAPACITORS-JFS Datasheet
732Kb / 3P
   Electrical apparatue use metalized film with precisely quality control
logo
MERITEK ELECTRONICS COR...
AMPP MERITEK-AMPP Datasheet
113Kb / 1P
   Metallized Polypropylene Film Capacitors - AC use
AMPE MERITEK-AMPE Datasheet
112Kb / 1P
   Metallized Polyester Film Capacitors - AC use
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Surge Components
C31(P) SURGE-C31(P) Datasheet
195Kb / 3P
   Metallized polypropylene film
logo
Illinois Capacitor, Inc...
222PWS202KD ILLINOISCAPACITOR-222PWS202KD Datasheet
138Kb / 1P
   AXIAL LEAD METALLIZED FILM WITH FOIL ELECTRODES
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com