Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13DS-CD296 Datasheet(PDF) 3 Page - Suntan Capacitors

Part # TS13DS-CD296
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DS-CD296 Datasheet(HTML) 3 Page - Suntan Capacitors

  TS13DS-CD296_17 Datasheet HTML 1Page - Suntan Capacitors TS13DS-CD296_17 Datasheet HTML 2Page - Suntan Capacitors TS13DS-CD296_17 Datasheet HTML 3Page - Suntan Capacitors TS13DS-CD296_17 Datasheet HTML 4Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
1 0 5 ℃ ,
M I N A T U R I Z E D ,
L O N G L I F E
TS13D CD296
u STANDARD RATINGS
WV(V)
/
□DxL
(mm)
160
180
200
250
315
350
400
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
Cap
Ripple
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
uF
Arms
22x25
180
0.65
180
0.65
150
0.60
100
0.45
56
0.34
56
0.37
39
0.32
22x30
270
0.83
220
0.75
220
0.76
150
0.58
82
0.43
82
0.47
56
0.39
22x35
330
0.94
270
0.86
270
0.87
180
0.65
120
0.53
100
0.53
68
0.45
22x40
390
1.1
390
1.1
330
0.99
220
0.75
150
0.61
120
0.60
82
0.51
22x50
560
1.3
470
1.5
470
1.2
330
0.96
180
0.71
180
0.78
120
0.64
25x25
270
0.82
220
0.75
220
0.76
150
0.58
82
0.42
68
0.43
56
0.40
25x30
390
1.0
330
0.96
270
0.87
220
0.73
120
0.53
100
0.54
68
0.46
25x35
470
1.2
390
1.1
390
1.1
270
0.83
150
0.62
120
0.61
100
0.57
25x40
560
1.3
470
1.2
470
1.3
330
0.95
--
--
180
0.77
120
0.63
25x50
820
1.7
680
1.5
560
1.4
470
1.2
270
0.89
220
0.89
150
0.75
30x25
390
1.1
330
1.0
270
0.92
220
0.77
120
0.56
100
0.57
82
0.53
30x30
560
1.3
470
1.2
390
1.1
270
0.88
180
0.71
150
0.72
100
0.61
30x35
680
1.5
560
1.4
560
1.4
390
1.1
220
0.80
180
0.82
150
0.77
30x40
820
1.7
680
1.6
680
1.6
470
1.2
270
0.92
220
0.93
180
0.87
30x50
1000
2.0
1000
2.0
820
1.8
560
1.4
390
1.2
330
1.2
220
1.0
35x25
470
1.3
390
1.2
390
1.2
270
0.93
180
0.74
150
0.77
100
0.65
35x30
680
1.6
560
1.5
560
1.5
390
1.2
220
0.84
220
0.97
150
0.83
35x35
820
1.8
820
1.8
680
1.7
470
1.3
330
1.1
270
1.1
180
0.93
35x40
1000
2.0
1000
2.1
820
1.9
560
1.5
390
1.2
330
1.3
220
1.1
35x50
1500
2.6
1200
2.4
1200
2.4
820
1.9
470
1.4
470
1.6
330
1.3
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13DS-CD296_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13DS-CD296_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com