Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS13DW-CDPC Datasheet(PDF) 2 Page - Suntan Capacitors

Part # TS13DW-CDPC
Description  ALUMINUM ELECTROLYTIC CAPACITOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS13DW-CDPC Datasheet(HTML) 2 Page - Suntan Capacitors

  TS13DW-CDPC_17 Datasheet HTML 1Page - Suntan Capacitors TS13DW-CDPC_17 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITOR
Suntan®
F O R
P . F . C .
C I R C U I T
TS13D CDPC
u STANDARD RATINGS (Snap-in (PCB Type))
WV (V)
/
Cap (uF)
250
400
45
--
--
--
30x40
0.05
1.50
55
--
--
--
30x40
0.05
1.70
75
--
--
--
35x50
0.05
1.98
82
--
--
--
35x50
0.05
2.00
100
35x40
0.05
1.90
--
--
--
110
35x40
0.05
2.00
--
--
--
165
35x45
0.05
2.45
--
--
--
180
35x50
0.05
2.58
--
--
--
195
35x50
0.05
2.68
--
--
--
210
35x50
0.05
2.78
--
--
--
220
35x50
0.05
2.80
--
--
--
Case Size
(□DxL, mm)
Tgδ(25℃ 120Hz)
Ripple Current
(Arms 85℃ 120Hz)
Lug (U Type)
WV (V)
/
Cap (uF)
250
400
90
--
--
--
35x80 or 40x80
0.05
3.0
100
--
--
--
35x90 or 40x90
0.05
3.2
110
--
--
--
35x100 or 40x100
0.05
3.3
150
--
--
--
35x100 or 40x100
0.05
3.9
165
--
--
40x100
0.05
4.1
200
40x100
0.05
3.80
--
--
--
220
40x100
0.05
4.00
40x100
0.05
4.7
330
40x100
0.05
4.85
--
--
--
360
40x100
0.05
5.10
--
--
--
390
40x100
0.05
5.30
--
--
--
420
40x100
0.05
5.50
--
--
--
440
40x100
0.05
5.60
--
--
--
Case Size
(□DxL, mm)
Tgδ(25℃ 120Hz)
Ripple Current
(Arms 85℃ 120Hz)
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS13DW-CDPC_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DW-CDPC SUNTAN-TS13DW-CDPC Datasheet
152Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results

Similar Description - TS13DW-CDPC_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71_17 Datasheet
137Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com