Electronic Components Datasheet Search |
|
NCP1445 Datasheet(PDF) 11 Page - ON Semiconductor |
|
NCP1445 Datasheet(HTML) 11 Page - ON Semiconductor |
11 / 20 page NCP1442, NCP1443, NCP1444, NCP1445 http://onsemi.com 11 Switch Driver and Power Switch The switch driver receives a control signal from the logic section to drive the output power switch. The switch is grounded through emitter resistors (15 m W total) to the GND pin. The peak switching current is clamped by an internal circuit. The clamp current is guaranteed to be greater than 4.0 A and varies with duty cycle due to slope compensation. The power switch can withstand a maximum voltage of 40 V on the collector (VSW pin). The saturation voltage of the switch is typically less than 1.0 V to minimize power dissipation. Short Circuit Condition When a short circuit condition happens in a boost circuit, the inductor current will increase during the whole switching cycle, causing excessive current to be drawn from the input power supply. Since control ICs don’t have the means to limit load current, an external current limit circuit (such as a fuse or relay) has to be implemented to protect the load, power supply and ICs. In other topologies, the frequency shift built into the IC prevents damage to the chip and external components. This feature reduces the minimum duty cycle and allows the transformer secondary to absorb excess energy before the switch turns back on. Figure 29. Startup Waveforms of Circuit Shown in the Application Diagram. Load = 400 mA. IL VOUT VC VCC The NCP144X can be activated by either connecting the VCC pin to a voltage source or by enabling the SS pin. Startup waveforms shown in Figure 29 are measured in the boost converter demonstrated in the Block Diagram (Figure 2). Recorded after the input voltage is turned on, this waveform shows the various phases during the power up transition. When the VCC voltage is below the minimum supply voltage, the VSW pin is in high impedance. Therefore, current conducts directly from the input power source to the output through the inductor and diode. Once VCC reaches approximately 1.5 V, the internal power switch briefly turns on. This is a part of the NCP144X’s normal operation. The turn−on of the power switch accounts for the initial current swing. When the VC pin voltage rises above the threshold, the internal power switch starts to switch and a voltage pulse can be seen at the VSW pin. Detecting a low output voltage at the FB pin, the built−in frequency shift feature reduces the switching frequency to a fraction of its nominal value, reducing the minimum duty cycle, which is otherwise limited by the minimum on−time of the switch. The peak current during this phase is clamped by the internal current limit. When the FB pin voltage rises above 0.4 V, the frequency increases to its nominal value, and the peak current begins to decrease as the output approaches the regulation voltage. The overshoot of the output voltage is prevented by the active pull−on, by which the sink current of the error amplifier is increased once an overvoltage condition is detected. The overvoltage condition is defined as when the FB pin voltage is 50 mV greater than the reference voltage. COMPONENT SELECTION Frequency Compensation The goal of frequency compensation is to achieve desirable transient response and DC regulation while ensuring the stability of the system. A typical compensation network, as shown in Figure 30, provides a frequency response of two poles and one zero. This frequency response is further illustrated in the Bode plot shown in Figure 31. NCP1442/3/4/5 Figure 30. A Typical Compensation Network VC GND C1 R1 C2 The high DC gain in Figure 31 is desirable for achieving DC accuracy over line and load variations. The DC gain of a transconductance error amplifier can be calculated as follows: GainDC + GM RO where: GM = error amplifier transconductance; RO = error amplifier output resistance ≈ 1.0 M W. |
Similar Part No. - NCP1445 |
|
Similar Description - NCP1445 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |