Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8598HIPM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8598HIPM
Description  18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8598HIPM Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8598HIPM Datasheet HTML 5Page - Texas Instruments ADS8598HIPM Datasheet HTML 6Page - Texas Instruments ADS8598HIPM Datasheet HTML 7Page - Texas Instruments ADS8598HIPM Datasheet HTML 8Page - Texas Instruments ADS8598HIPM Datasheet HTML 9Page - Texas Instruments ADS8598HIPM Datasheet HTML 10Page - Texas Instruments ADS8598HIPM Datasheet HTML 11Page - Texas Instruments ADS8598HIPM Datasheet HTML 12Page - Texas Instruments ADS8598HIPM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
9
ADS8598H
www.ti.com
SBAS829 – SEPTEMBER 2017
Product Folder Links: ADS8598H
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications are at TA = –40°C to +125°C, AVDD = 4.75 V to 5.25 V; typical specifications are at TA
= 25°C; AVDD = 5 V, DVDD = 3 V, VREF = 2.5 V (internal), and fSAMPLE = 500 kSPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
AVDD
Analog power-supply voltage
Analog supply
4.75
5
5.25
V
DVDD
Digital power-supply voltage
Digital supply range
2.3
3.3
AVDD
V
IAVDD_DYN
Analog supply current
(operational)
AVDD = 5 V,
fS = 500 kSPS,
internal reference
22.8
30.8
mA
AVDD = 5 V,
fS = 500 kSPS,
external reference
22.2
30.0
IAVDD_STC
Analog supply current
(static)
AVDD = 5 V, internal reference,
device not converting
12.7
17.4
mA
AVDD = 5 V, external reference,
device not converting
12.3
16.7
IAVDD_STDBY
AVDD supply
STANDBY current
At AVDD = 5 V, device in STDBY
mode, internal reference
4.2
5.5
mA
At AVDD = 5 V, device in STDBY
mode, external reference
3.8
5.0
IAVDD_PWR_ DN
AVDD supply
power-down current
At AVDD = 5 V, device in PWR_DN,
internal or
external reference,
TA = –40°C to +85°C
0.2
6
µA
IDVDD_DYN
Digital supply current
DVDD = 3.3 V,
fS = 500 kSPS
0.2
0.33
mA
IDVDD_STDBY
DVDD supply STANDBY current
At AVDD = 5 V, device in STDBY
mode
0.05
1.5
µA
IDVDD_PWR-DN
DVDD supply power-down current
At AVDD = 5 V, device in PWR_DN
mode
0.05
1.5
µA
DIGITAL INPUTS (CMOS)
VIH
Digital high input voltage logic level
DVDD > 2.3 V
0.8 × DVDD
DVDD + 0.3
V
VIL
Digital low input voltage logic level
DVDD > 2.3 V
–0.3
0.2 × DVDD
V
Input leakage current
100
nA
Input pin capacitance
5
pF
DIGITAL OUTPUTS (CMOS)
VOH
Digital high output voltage logic level
IO = 100-µA source
0.8 × DVDD
DVDD
V
VOL
Digital low output voltage logic level
IO = 100-µA sink
0
0.2 × DVDD
V
Floating state leakage current
Only for SDO
1
µA
Internal pin capacitance
5
pF
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
125
°C


Similar Part No. - ADS8598HIPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598SIPM TI1-ADS8598SIPM Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598SIPMR TI1-ADS8598SIPMR Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
More results

Similar Description - ADS8598HIPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
ADS8588S TI1-ADS8588S Datasheet
2Mb / 63P
[Old version datasheet]   16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7609 AD-AD7609 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com