Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8598HIPM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8598HIPM
Description  18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8598HIPM Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS8598HIPM Datasheet HTML 6Page - Texas Instruments ADS8598HIPM Datasheet HTML 7Page - Texas Instruments ADS8598HIPM Datasheet HTML 8Page - Texas Instruments ADS8598HIPM Datasheet HTML 9Page - Texas Instruments ADS8598HIPM Datasheet HTML 10Page - Texas Instruments ADS8598HIPM Datasheet HTML 11Page - Texas Instruments ADS8598HIPM Datasheet HTML 12Page - Texas Instruments ADS8598HIPM Datasheet HTML 13Page - Texas Instruments ADS8598HIPM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
10
ADS8598H
SBAS829 – SEPTEMBER 2017
www.ti.com
Product Folder Links: ADS8598H
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Timing Requirements: CONVST Control
minimum and maximum specifications are at TA = –40°C to +125°C, typical specifications are at TA = 25°C; AVDD = 5 V,
2.3 V
≤ DVDD ≤ 5.25 V, VREF = 2.5 V (internal), BUSY load = 20 pF, VIL and VIH at specified limits, and fSAMPLE = 500 kSPS
(unless otherwise noted) (see Figure 1)
MIN
NOM
MAX
UNIT
tACQ
Acquisition time:
BUSY falling edge to rising edge of trailing CONVSTA or CONVSTB
0.7
µs
tPH_CN
CONVSTA, CONVSTB pulse high time
25
ns
tPL_CN
CONVSTA, CONVSTB pulse low time
25
ns
tSU_BSYCS
Setup time: BUSY falling to CS falling
0
ns
tSU_RSTCN
Setup time: RESET falling to first rising edge of CONVSTA or CONVSTB
25
ns
tPH_RST
RESET pulse high time
50
ns
tD_CNAB
Delay between rising edges of CONVSTA and CONVSTB
500
µs
6.7 Timing Requirements: Data Read Operation
minimum and maximum specifications are at TA = –40°C to +125°C, typical specifications are at TA = 25°C; AVDD = 5 V,
2.3 V
≤ DVDD ≤ 5.25 V, VREF = 2.5 V (internal), BUSY load = 20 pF, VIL and VIH at specified limits, and fSAMPLE = 500 kSPS
(unless otherwise noted) (see Figure 2)
MIN
NOM
MAX
UNIT
tDZ_CNCS
Delay between CONVSTA, CONVSTB rising edge to CS falling edge, start of
data read operation during conversion
10
ns
tDZ_CSBSY
Delay between CS rising edge to BUSY falling edge, end of data read
operation during conversion
40
ns
tSU_BSYCS
Setup time: BUSY falling edge to CS falling edge, start of data read operation
after conversion
0
ns
tD_CSCN
Delay between CS rising edge to CONVSTA, CONVSTB rising edge, end of
data read operation after conversion
10
ns
6.8 Timing Requirements: Parallel Data Read Operation, CS and RD Tied Together
minimum and maximum specifications are at TA = –40°C to +125°C, typical specifications are at TA = 25°C; AVDD = 5 V,
2.3 V
≤ DVDD ≤ 5.25 V, VREF = 2.5 V (internal), load on DB[15:0] and FRSTDATA = 20 pF, VIL and VIH at specified limits, and
fSAMPLE = 500 kSPS (unless otherwise noted) (see Figure 3)
MIN
NOM
MAX
UNIT
tPH_CS,
tPH_RD
CS and RD high time
15
ns
tPL_CS,
tPL_RD
CS and RD low time
15
ns
tHT_RDDB,
tHT_CSDB
Hold time: RD and CS rising edge to DB[15:0] invalid
2.5
ns


Similar Part No. - ADS8598HIPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598SIPM TI1-ADS8598SIPM Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598SIPMR TI1-ADS8598SIPMR Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
More results

Similar Description - ADS8598HIPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
ADS8588S TI1-ADS8588S Datasheet
2Mb / 63P
[Old version datasheet]   16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7609 AD-AD7609 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com