Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8598S Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8598S
Description  18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8598S Datasheet(HTML) 4 Page - Texas Instruments

  ADS8598S Datasheet HTML 1Page - Texas Instruments ADS8598S Datasheet HTML 2Page - Texas Instruments ADS8598S Datasheet HTML 3Page - Texas Instruments ADS8598S Datasheet HTML 4Page - Texas Instruments ADS8598S Datasheet HTML 5Page - Texas Instruments ADS8598S Datasheet HTML 6Page - Texas Instruments ADS8598S Datasheet HTML 7Page - Texas Instruments ADS8598S Datasheet HTML 8Page - Texas Instruments ADS8598S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
4
ADS8598S
SBAS827 – SEPTEMBER 2017
www.ti.com
Product Folder Links: ADS8598S
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
DESCRIPTION
NAME
NO.
AIN_4GND
56
AI
Analog input channel 4: negative input.
AIN_4P
55
AI
Analog input channel 4: positive input.
AIN_5GND
58
AI
Analog input channel 5: negative input.
AIN_5P
57
AI
Analog input channel 5: positive input.
AIN_6GND
60
AI
Analog input channel 6: negative input.
AIN_6P
59
AI
Analog input channel 6: positive input.
AIN_7GND
62
AI
Analog input channel 7: negative input.
AIN_7P
61
AI
Analog input channel 7: positive input.
AIN_8GND
64
AI
Analog input channel 8: negative input.
AIN_8P
63
AI
Analog input channel 8: positive input.
AVDD
1, 37, 38, 48
P
Analog supply pin. Decouple this pin to the closest AGND pins
(see the Power Supply Recommendations section).
BUSY
14
DO
Active high digital output indicating ongoing conversion
(see the BUSY (Output) section).
CONVSTA
9
DI
Active high logic input to control start of conversion for first half count of device input channels (see the
CONVSTA, CONVSTB (Input) section).
CONVSTB
10
DI
Active high logic input to control start of conversion for second half count of device input channels (see
the CONVSTA, CONVSTB (Input) section).
CS
13
DI
Active low logic input chip-select signal (see the CS (Input) section).
DB0
16
DO
Data output DB0 (LSB) in parallel interface mode (see the DB[6:0] section).
DB1
17
DO
Data output DB1 in parallel interface mode (see the DB[6:0] section).
DB2
18
DO
Data output DB2 in parallel interface mode (see the DB[6:0] section).
DB3
19
DO
Data output DB3 in parallel interface mode (see the DB[6:0] section).
DB4
20
DO
Data output DB4 in parallel interface mode (see the DB[6:0] section).
DB5
21
DO
Data output DB5 in parallel interface mode (see the DB[6:0] section).
DB6
22
DO
Data output DB6 in parallel interface mode (see the DB[6:0] section).
DB7/DOUTA
24
DO
Multi-function logic output pin (see the DB7/DOUTA section):
this pin is data output DB7 in parallel and parallel byte interface mode;
this pin is a data output pin in serial interface mode.
DB8/DOUTB
25
DO
Multi-function logic output pin (see the DB8/DOUTB section):
this pin is data output DB8 in parallel interface mode;
this pin is a data output pin in serial interface mode.
DB9
27
DO
Data output DB9 in parallel interface mode (see the DB[13:9] section).
DB10
28
DO
Data output DB10 in parallel interface mode (see the DB[13:9] section).
DB11
29
DO
Data output DB11 in parallel interface mode (see the DB[13:9] section).
DB12
30
DO
Data output DB12 in parallel interface mode (see the DB[13:9] section).
DB13
31
DO
Data output DB13 in parallel interface mode (see the DB[13:9] section).
DB14/HBEN
32
DIO
Multi-function logic input or output pin (see the DB14/HBEN section):
this pin is data output DB14 in parallel interface mode;
this pin is a control input pin for byte selection (high or low) in parallel byte interface mode.
DB15/BYTE SEL
33
DIO
Multi-function logic input or output pin (see the DB15/BYTE SEL section):
this pin is data output DB15 (MSB) in parallel interface mode;
this pin is an active high control input pin to enable parallel byte interface mode.
DVDD
23
P
Digital supply pin; decouple with AGND on pin 26.
FRSTDATA
15
DO
Active high digital output indicating data read back from channel 1 of the device (see the FRSTDATA
(Output) section).
OS0
3
DI
Oversampling mode control pin
(see the Oversampling Mode of Operation section).
OS1
4
DI
Oversampling mode control pin
(see the Oversampling Mode of Operation section).
OS2
5
DI
Oversampling mode control pin
(see the Oversampling Mode of Operation section).
PAR/SER/BYTE SEL
6
DI
Logic input pin to select between parallel, serial, or parallel byte interface mode (see the Data Read
Operation section).
RANGE
8
DI
Multi-function logic input pin (see the RANGE (Input) section):
when STBY pin is high, this pin selects the input range of the device (±10 V or ±5 V); when the STBY pin
is low, this pin selects between the standby and shutdown modes.


Similar Part No. - ADS8598S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598HIPM TI1-ADS8598HIPM Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598HIPMR TI1-ADS8598HIPMR Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
More results

Similar Description - ADS8598S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588S TI1-ADS8588S Datasheet
2Mb / 63P
[Old version datasheet]   16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
AD7608BSTZ AD-AD7608BSTZ Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7609 AD-AD7609 Datasheet
799Kb / 36P
   8-Channel Differential DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com