Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1444T Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1444T
Description  4.0 A 280 kHz/560 kHz Boost Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1444T Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1444T Datasheet HTML 4Page - ON Semiconductor NCP1444T Datasheet HTML 5Page - ON Semiconductor NCP1444T Datasheet HTML 6Page - ON Semiconductor NCP1444T Datasheet HTML 7Page - ON Semiconductor NCP1444T Datasheet HTML 8Page - ON Semiconductor NCP1444T Datasheet HTML 9Page - ON Semiconductor NCP1444T Datasheet HTML 10Page - ON Semiconductor NCP1444T Datasheet HTML 11Page - ON Semiconductor NCP1444T Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
NCP1442, NCP1443, NCP1444, NCP1445
http://onsemi.com
8
TA, AMBIENT TEMPERATURE (°C)
020
40
60
TA, AMBIENT TEMPERATURE (°C)
40
60
20
080
0
50
150
1.08
1.02
1.04
1.00
Figure 15. VC Threshold Voltage versus
Temperature
Figure 16. Shutdown Threshold versus
Temperature
Figure 17. Shutdown Delay versus Temperature
(NCP1442)
Figure 18. Shutdown Delay versus Temperature
(NCP1444)
0
TA, AMBIENT TEMPERATURE (°C)
40
60
20
080
60
0
20
100
160
120
020
40
60
80
TA, AMBIENT TEMPERATURE (°C)
0.3
80
VCC, SUPPLY VOLTAGE (V)
10
20
15
30
5
0
5
45
Figure 19. ISS versus VSS
Figure 20. Supply Current versus Supply
Voltage During Shutdown
0
05
3.0
4.0
3.5
VSS (V)
0
0.5
1.0
10
15
10
20
VCC = 2.7 V
200
250
20
25
30
2.5
25
1.14
0.4
0.6
0.8
1.0
0.9
VCC = 30 V
VCC = 12 V
40
100
VCC = 2.7 V
VCC = 30 V
VCC = 12 V
15
25
35
40
1.06
1.10
1.12
80
140
2.0
1.5
30
TA = 25°C
TA = 85°C
30
50
10
70
30
50
10
70
30
50
10
70
0.7
0.5
0.2
0.1
180
30
50
10
70


Similar Part No. - NCP1444T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400A ONSEMI-NCP1400A Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1400A ONSEMI-NCP1400A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results

Similar Description - NCP1444T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5171 ONSEMI-NCV5171_11 Datasheet
238Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2011 ??Rev. 4
CS5171 ONSEMI-CS5171 Datasheet
184Kb / 22P
   1.5 A 280 kHz/560 kHz Boost Regulators
June, 2004 ??Rev. 20
NCV5171 ONSEMI-NCV5171_10 Datasheet
262Kb / 19P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 4
CS5171 ONSEMI-CS5171_10 Datasheet
283Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
January, 2010 ??Rev. 23
CS5171 ONSEMI-CS5171_06 Datasheet
230Kb / 21P
   1.5 A 280 kHz/560 kHz Boost Regulators
October, 2006 ??Rev. 22
NCV5171 ONSEMI-NCV5171_V01 Datasheet
332Kb / 20P
   Boost Converters - Automotive 1.5 A 280 kHz/560 kHz
March, 2022 - Rev. 7
NCV5171 ONSEMI-NCV5171 Datasheet
189Kb / 19P
   1.5 A 280 kHz Boost Regulators
November, 2006 ??Rev. 1
NCP5173 ONSEMI-NCP5173 Datasheet
161Kb / 18P
   1.5 A 560 kHz-1.0 MHz Boost Regulator
September, 2004 ??Rev. 1
NCP5173 ONSEMI-NCP5173_06 Datasheet
437Kb / 17P
   1.5 A 560 kHz??.0 MHz Boost Regulator
July, 2006 ??Rev. 2
logo
Microchip Technology
MCP1651S-E-MS MICROCHIP-MCP1651S-E-MS Datasheet
483Kb / 30P
   750 kHz Boost Controller
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com