Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C591VFA Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P87C591VFA
Description  Single-chip 8-bit microcontroller with CAN controller
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C591VFA Datasheet(HTML) 3 Page - NXP Semiconductors

  P87C591VFA Datasheet HTML 1Page - NXP Semiconductors P87C591VFA Datasheet HTML 2Page - NXP Semiconductors P87C591VFA Datasheet HTML 3Page - NXP Semiconductors P87C591VFA Datasheet HTML 4Page - NXP Semiconductors P87C591VFA Datasheet HTML 5Page - NXP Semiconductors P87C591VFA Datasheet HTML 6Page - NXP Semiconductors P87C591VFA Datasheet HTML 7Page - NXP Semiconductors P87C591VFA Datasheet HTML 8Page - NXP Semiconductors P87C591VFA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 160 page
background image
2000 Jul 26
3
Philips Semiconductors
Preliminary Specification
Single-chip 8-bit microcontroller with CAN controller
P8xC591
1
FEATURES
1.1
80C51 Related Features of the 8xC591
• Full static 80C51 Central Processing Unit available as
OTP, ROM and ROMless
• 16 Kbytes internal Program Memory expandable
externally to 64 Kbytes
• 512 bytes on-chip Data RAM expandable externally to
64 Kbytes
• Three 16-bit timers/counters T0, T1 (standard 80C51)
and additional T2 (capture & compare)
• 10-bit ADC with 6 multiplexed analog inputs with fast
8-bit ADC option
• Two 8-bit resolution, Pulse Width Modulated outputs
• 32 I/O port pins in the standard 80C51 pinout
• I2C-bus serial I/O port with byte oriented master and
slave functions
• On-chip Watchdog Timer T3
• Extended temperature range: −40 to +85°C
• Accelerated (prescaler 1:1) instruction cycle time
500 ns @ 12 MHz
• Operation voltage range: 5 V ± 5%
• Security bits:
– ROM version has 2 bits
– OTP/EPROM version has 3 bits
• 32 bytes Encryption array
• 4 level priority interrupt, 15 interrupt sources
• Full-duplex enhanced UART with programmable
Baudrate Generator
• Power Control Modes:
– Clock can be stopped and resumed
– Idle Mode
– Power-down Mode
• ADC active in Idle Mode
• Second DPTR register
• ALE inhibit for EMI reduction
• Programmable I/O port pins (pseudo bi-directional,
push-pull, high impedance, open drain)
• Wake-up from Power-down by external interrupts
• Software reset bit (AUXR1.5)
• Low active reset pin
• Power-on detect reset
• Once mode
1.2
CAN Related Features of the 8xC591
• CAN 2.0B active controller, supporting 11-bit Standard
and 29-bit Extended indentifiers
• 1 Mbit/s CAN bus speed with 8 MHz clock achievable
• 64 byte receive FIFO (can capture sequential Data
Frames from the
same source as required by the
Transport Layer of higher protocols such as DeviceNet,
CANopen and OSEK)
• 13 byte transmit buffer
• Enhanced PeliCAN core (from the SJA1000 stand-alone
CAN2.0B controller)
1.2.1
PELICAN FEATURES
• Four independently configurable Screeners
(Acceptance Filters)
• Each Screener has two 32-bit specifies:
– 32-bit Match and
– 32-bit Mask
• 32-bits of Mask per Screener allows unique Group
addressing per
Screener
• Higher layer protocols especially supported in Standard
CAN format with:
– Up to four, 11-bit ID Screeners that also Screen the
two (2) Data Bytes
– i.e., Data Frames are Screened by the CAN ID and by
Data Byte content
• Up to eight, 11-bit ID Screeners half of which also
Screen the
first Data Byte
• All Screeners are changeable “on the fly”
• Listen Only Mode, Self Test Mode
• Error Code Capture, Arbitration Lost Capture, readable
Error Counters


Similar Part No. - P87C591VFA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C591VFA NXP-P87C591VFA Datasheet
610Kb / 160P
   Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
More results

Similar Description - P87C591VFA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P8XC591 NXP-P8XC591 Datasheet
610Kb / 160P
   Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
P8XCE598 NXP-P8XCE598 Datasheet
513Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
P8XC592 PHILIPS-P8XC592 Datasheet
459Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
P8XC592 NXP-P8XC592 Datasheet
504Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
P8XCE598 PHILIPS-P8XCE598 Datasheet
507Kb / 108P
   8-bit microcontroller with on-chip CAN
1996 Jun 27
logo
ATMEL Corporation
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02_08 Datasheet
1Mb / 159P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com