Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9200JST Datasheet(PDF) 4 Page - Analog Devices

Part # AD9200JST
Description  CMOS A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9200JST Datasheet(HTML) 4 Page - Analog Devices

  AD9200JST Datasheet HTML 1Page - Analog Devices AD9200JST Datasheet HTML 2Page - Analog Devices AD9200JST Datasheet HTML 3Page - Analog Devices AD9200JST Datasheet HTML 4Page - Analog Devices AD9200JST Datasheet HTML 5Page - Analog Devices AD9200JST Datasheet HTML 6Page - Analog Devices AD9200JST Datasheet HTML 7Page - Analog Devices AD9200JST Datasheet HTML 8Page - Analog Devices AD9200JST Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Parameter
Symbol
Min
Typ
Max
Units
Condition
DIGITAL INPUTS
High Input Voltage
VIH
2.4
V
Low Input Voltage
VIL
0.3
V
DIGITAL OUTPUTS
High-Z Leakage
IOZ
–10
+10
µA
Output = GND to VDD
Data Valid Delay
tOD
25
ns
CL = 20 pF
Data Enable Delay
tDEN
25
ns
Data High-Z Delay
tDHZ
13
ns
LOGIC OUTPUT (with DRVDD = 3 V)
High Level Output Voltage (IOH = 50 µA)
VOH
+2.95
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.80
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V
Low Level Output Voltage (IOL = 50 µA)
VOL
+0.05
V
LOGIC OUTPUT (with DRVDD = 5 V)
High Level Output Voltage (IOH = 50 µA)
VOH
+4.5
V
High Level Output Voltage (IOH = 0.5 mA)
VOH
+2.4
V
Low Level Output Voltage (IOL = 1.6 mA)
VOL
+0.4
V
Low Level Output Voltage (IOL = 50 µA)
VOL
+0.1
V
CLOCKING
Clock Pulsewidth High
tCH
22.5
ns
Clock Pulsewidth Low
tCL
22.5
ns
Pipeline Latency
3
Cycles
CLAMP
2
Clamp Error Voltage
EOC
±20
±40
mV
CLAMPIN = 0.5 V–2.7 V, RIN = 10 Ω
Clamp Pulsewidth
tCPW
2
µsC
IN = 1 µF (Period = 63.5 µs)
NOTES
1See Figures 1a and 1b.
2Available only in AD9200ARS and AD9200KST.
Specifications subject to change without notice.
AD9200
REFTS
REFBS
MODE
AVDD
10k
10k
0.4
VDD
AD9200
REFTS
REFBF
MODE
REFTF
REFBS
4.2k
Figure 1a.
Figure 1b.
AD9200
–3–
REV. E


Similar Part No. - AD9200JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9200JST AD-AD9200JST Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200JSTRL AD-AD9200JSTRL Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
More results

Similar Description - AD9200JST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9280 AD-AD9280_17 Datasheet
438Kb / 25P
   CMOS A/D Converter
AD876 AD-AD876_17 Datasheet
370Kb / 17P
   CMOS A/D Converter
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
logo
Nippon Precision Circui...
SM6103 NPC-SM6103 Datasheet
272Kb / 9P
   CMOS 8-bit A/D Converter
logo
Analog Devices
AD7118 AD-AD7118 Datasheet
197Kb / 6P
   LOGDAC CMOS Logarithmic D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX7523 MAXIM-MX7523 Datasheet
134Kb / 4P
   CMOS 8Bit Multiplying D/a Converter
1995
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
   CMOS Serial 10-Bit A/D Converter
July 1998
logo
Analog Devices
DAC8800 AD-DAC8800_15 Datasheet
311Kb / 16P
   Octal 8 Bit CMOS D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com