Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9203-EB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9203-EB
Description  A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203-EB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9203-EB Datasheet HTML 6Page - Analog Devices AD9203-EB Datasheet HTML 7Page - Analog Devices AD9203-EB Datasheet HTML 8Page - Analog Devices AD9203-EB Datasheet HTML 9Page - Analog Devices AD9203-EB Datasheet HTML 10Page - Analog Devices AD9203-EB Datasheet HTML 11Page - Analog Devices AD9203-EB Datasheet HTML 12Page - Analog Devices AD9203-EB Datasheet HTML 13Page - Analog Devices AD9203-EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AD9203
Rev. B | Page 9 of 28
N–1
N
N+1
CODE
1.2E+07
1.0E+07
8.0E+06
4.0E+06
6.0E+06
0.0E+00
2.0E+06
4560
10310
10000000
Figure 10. Grounded Input Histogram
40
80
85
70
65
60
55
50
45
0
102030405060
SAMPLE RATE (MSPS)
–THD
SNR
Figure 11. SNR and THD vs. Sample Rate (fIN = 20 MHz)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
600
700
800
900
1024
Figure 12. Typical INL Performance
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
600
700
800
900
1024
Figure 13. Typical DNL Performance
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0E+0
2.5E+6
5.0E+6
7.5E+6
10.0E+6 12.5E+6 15.0E+6 17.5E+6 20.0E+6
SNR = 59.9dB
THD = –75dB
SFDR = 82dB
Figure 14. Single Tone Frequency Domain Performance (Input Frequency =
10 MHz, Sample Rate = 40 MSPS 2 V Differential Input, 8192 Point FFT)
50
75
70
65
60
55
80
2.5
3.0
3.5
4.0
SUPPLY VOLTAGE (V)
–THD
SNR
Figure 15. SNR and THD vs. Power Supply
(fIN = 20 MHz, Sample Rate = 40 MSPS)


Similar Part No. - AD9203-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203-EB AD-AD9203-EB Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
AD9203-EB AD-AD9203-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9203-EB AD-AD9203-EB Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203-EB AD-AD9203-EB Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
More results

Similar Description - AD9203-EB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
logo
Texas Instruments
ADC10061 TI1-ADC10061 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
Analog Devices
AD9054A AD-AD9054A_17 Datasheet
362Kb / 21P
   A/D Converter
AD9057 AD-AD9057_17 Datasheet
358Kb / 13P
   A/D Converter
logo
Nippon Precision Circui...
SM5874AM NPC-SM5874AM Datasheet
175Kb / 18P
   D/A Converter
SM5865AM NPC-SM5865AM Datasheet
130Kb / 17P
   D/A Converter
logo
Analog Devices
AD9051 AD-AD9051_17 Datasheet
686Kb / 12P
   A/D Converter
logo
Asahi Kasei Microsystem...
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
AKD4556-B AKM-AKD4556-B Datasheet
746Kb / 45P
   24Bit A/D & D/A converter.
AKD4528 AKM-AKD4528_05 Datasheet
373Kb / 45P
   24Bit A/D & D/A converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com