Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD10242TZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD10242TZ
Description  MCM A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10242TZ Datasheet(HTML) 5 Page - Analog Devices

  AD10242TZ Datasheet HTML 1Page - Analog Devices AD10242TZ Datasheet HTML 2Page - Analog Devices AD10242TZ Datasheet HTML 3Page - Analog Devices AD10242TZ Datasheet HTML 4Page - Analog Devices AD10242TZ Datasheet HTML 5Page - Analog Devices AD10242TZ Datasheet HTML 6Page - Analog Devices AD10242TZ Datasheet HTML 7Page - Analog Devices AD10242TZ Datasheet HTML 8Page - Analog Devices AD10242TZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD10242
–4–
ABSOLUTE MAXIMUM RATINGS
1
Parameter
Min
Max
Unit
ELECTRICAL
VCC Voltage
0
7
V
VEE Voltage
–7
0
V
Analog Input Voltage
VEE
VCC
V
Analog Input Current
–10
+10
mA
Digital Input Voltage (ENCODE)
0
VCC
V
ENCODE,
ENCODE Differential Voltage
4
V
Digital Output Current
–40
+40
mA
ENVIRONMENTAL
2
Operating Temperature (Case)
–55
+125
°C
Maximum Junction Temperature
175
°C
Lead Temperature (Soldering, 10 sec)
300
°C
Storage Temperature Range (Ambient)
–65
+150
°C
NOTES
1Absolute maximum ratings are limiting values to be applied individually, and beyond
which the serviceability of the circuit may be impaired. Functional operability is not
necessarily implied. Exposure to absolute maximum rating conditions for an
extended period of time may affect device reliability.
2Typical thermal impedances for
ES-68-1 package: θ
JC = 11
°C/W; θ
JA = 30
°C/W.
Table I. Output Coding
MSB
LSB
Base 10
Input
0111111111111
2047
+FS
0000000000001
+1
0000000000000
0
0.0 V
1111111111111
–1, 4095
1000000000000
–2047, 2048
–FS
EXPLANATION OF TEST LEVELS
Test Level
I– 100% Production Tested.
II – 100% production tested at 25
°C, and sample tested at
specified temperatures. AC testing done on sample basis.
III – Sample Tested Only.
IV – Parameter is guaranteed by design and characterization
testing.
V– Parameter is a typical value only.
VI – All devices are 100% production tested at 25
°C; sample
tested at temperature extremes.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD10242 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. D


Similar Part No. - AD10242TZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242TZ AD-AD10242TZ Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10242TZ/883B AD-AD10242TZ/883B Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
More results

Similar Description - AD10242TZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242 AD-AD10242_15 Datasheet
319Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter
REV. C
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
logo
RFHIC
LCL2302-L RFHIC-LCL2302-L Datasheet
187Kb / 3P
   MCM LNA
LCL3212-L RFHIC-LCL3212-L Datasheet
187Kb / 3P
   MCM LNA
LCL1904-L RFHIC-LCL1904-L Datasheet
188Kb / 3P
   MCM LNA
LCL1903-L RFHIC-LCL1903-L Datasheet
187Kb / 3P
   MCM LNA
LCL1802-L RFHIC-LCL1802-L Datasheet
188Kb / 3P
   MCM LNA
LCL2603-L RFHIC-LCL2603-L Datasheet
187Kb / 3P
   MCM LNA
LCL2112-L RFHIC-LCL2112-L Datasheet
188Kb / 3P
   MCM LNA
logo
Samsung semiconductor
KDA0316 SAMSUNG-KDA0316 Datasheet
400Kb / 10P
   D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com