Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS20 Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TS20
Description  CHIP TANTALUM CAPACITOR - SMD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TS20 Datasheet(HTML) 1 Page - Suntan Capacitors

  TS20_17 Datasheet HTML 1Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHIP TANTALUM CAPACITOR - SMD
Suntan®
SOLID ELECTROLYTE, HIGH VOLUMETRIC EFFICIENCY, STABLEELECTRIC PERFORMANCES
TS20
F E A T U R E S
l
Molded case available in six case codes
l
Compatible with all popular “High Volume” automatic pick and equipment
l
Optical character recognition qualified
RoHS Compliance & Lead Free Terminations.
SPECI FICA TIO NS
Rated Voltage
D.C. 4V ~ 50V
Operating Temperature Range
-55°C to +125°C (>85°C with rated voltage
derating.)
Capacitance Range
0.1μF to 470μF
Capacitance Tolerance
±20%(M), ±10%(K),
±5%(J) (For special order)
DC Leakage Current
Io≤0.01 CRVR or 0.5μA (whichever is
greater)
Load Life
85℃, After applying rated voltage for 2000
hours at 85℃, Capacitance change: within
±10% of the initial value
Dissipation factor: Not more than 150% of the
specified value
Case Sizes and Dimensions
Please see Table 2
Dissipation Factor at 20°C
Please see Table 1
Temperature Characteristics
Please see Table 1
TEMPERATURE CHARACTERISTICS
Table 1
DIMENSIONS - MILLIMETERS
Unit:mm Table 2
Capacitance
(
μF)
Capacitance Change (%)
DF Max. (%)
DCL Max. (
μA)
-55℃
+85℃
+125℃
-55℃
+25℃
+85℃
+125℃
+85℃
+125℃
1.0
±10
±10
±12
6
4
6
6
+10 Io
+12 Io
1.5 ~ 68
10
6
10
10
100 ~ 470
14
12
14
14
Case Size
L ± 0.3
W1±0.3
H ±0.3
S ± 0.3
W2±0.2
P
2012
2.0
1.2
1.2
0.5
1.2
A
3216
3.2
1.6
1.6
0.8
1.2
B
3528
3.5
2.8
1.9
0.8
2.2
C
6032
6.0
3.2
2.5
1.3
2.2
D
7343
7.3
4.3
2.8
1.3
2.4
E
7343
7.3
4.3
4.0
1.3
2.4
Rated Voltage, Nominal Capacitance and Case Sizes
Table 3
UR
V
4
6.3
10
16
20
25
35
50
Rated Voltage Marking
G
J
A
C
D
E
V
T
Voltage Derating (V)
2.5
4
6.3
10
13
16
23
33
Surge Voltage≤
+85℃ (V)
5
8
13
20
26
32
46
65
Surge Voltage ≤
+125℃ (V)
3.4
5.0
9
12
16
20
26
38
Capacitance
(μF)
Marking
Case Size (standard / miniature / Super miniature)
0.1
104
A
A/B
0.15
154
A
A/B
0.22
224
A
A/B
0.33
334
A
A
A/B
0.47
474
P
P
A
A/B
A/C
0.68
684
P
A/P
A/P
A
A/B
A/C
1.0
105
A
A
A/P
A/P
A
A
A/B
C
1.5
155
A/P
A
A/P
A
A/B
A/B
A/B/C
D
2.2
225
A/P
A
A/P
A/B
A/B
A/B
B/C
C/D
3.3
335
A/P
A
A/P
A/B
A/B
B/C
C/D
D
4.7
475
A/P
A
A/B/P
A/B
A/B/C
B/C
C/D
D
6.8
685
A/P
A
A/B
A/B
B/C
B/C
C/D
D
10
106
A/P
A/B
A/B
A/B/C
B/C/D
B/C/D
C/D
15
156
A/B
A
A/B/C
B/C
C
C/D
D/E
22
226
A/B
A/B/C
A/B/C
B/C/D
C/D
D
33
336
B/C
A/B
B/C/D
C/D
C/D
D/E
47
476
B/C
B/C
B/C/D
C/D
D/E
D/E
68
686
B/C
B/C/D
C/D
D
D/E
100
107
B/C
B/C
C/D
D/E
150
157
C/D/E
C/D
D/E
E
220
227
C/D/E
C/D
D
330
337
E
D
Note: Specifications are subject to change without notice. For more details and updates, please visit our website.
Suntan® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TS20_17

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2021CX5RFG TSC-TS2021CX5RFG Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
More results

Similar Description - TS20_17

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS20 SUNTAN-TS20 Datasheet
827Kb / 1P
   CHIP TANTALUM CAPACITOR - SMD
logo
Kingtronics Internation...
CKT KINGTRONICS-CKT Datasheet
235Kb / 2P
   CKT Chip Tantalum Capacitor - SMD
logo
Suntan Capacitors
TS20L SUNTAN-TS20L_17 Datasheet
388Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kingtronics Internation...
EKT KINGTRONICS-EKT Datasheet
184Kb / 4P
   Chip Tantalum Capacitor Low ESR. SMD
logo
Suntan Capacitors
TS20L SUNTAN-TS20L Datasheet
838Kb / 3P
   CHIP TANTALUM CAPACITOR LOW ESR - SMD
logo
Kemet Corporation
T499 KEMET-T499 Datasheet
146Kb / 3P
   Tantalum Chip Capacitor
logo
Central Technologies
CTTCC CT-CTTCC Datasheet
258Kb / 2P
   Chip Tantalum Capacitor
logo
AVX Corporation
TRJC476K016R0350 AVX-TRJC476K016R0350 Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD685K050RRJ AVX-TRJD685K050RRJ Datasheet
100Kb / 6P
   Professional Tantalum Chip Capacitor
TRJD686M016RRJ AVX-TRJD686M016RRJ Datasheet
138Kb / 6P
   Professional Tantalum Chip Capacitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com