Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB15RF120K Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # GB15RF120K
Description  Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

GB15RF120K Datasheet(HTML) 1 Page - Fairchild Semiconductor

  GB15RF120K Datasheet HTML 1Page - Fairchild Semiconductor GB15RF120K Datasheet HTML 2Page - Fairchild Semiconductor GB15RF120K Datasheet HTML 3Page - Fairchild Semiconductor GB15RF120K Datasheet HTML 4Page - Fairchild Semiconductor GB15RF120K Datasheet HTML 5Page - Fairchild Semiconductor GB15RF120K Datasheet HTML 6Page - Fairchild Semiconductor GB15RF120K Datasheet HTML 7Page - Fairchild Semiconductor GB15RF120K Datasheet HTML 8Page - Fairchild Semiconductor GB15RF120K Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FAN4174/FAN4274 Rev. 2D
1
www.fairchildsemi.com
©2005 Fairchild Semiconductor Corporation
April 2005
FAN4174/FAN4274
Single and Dual Ultra-Low Cost, Rail-to-Rail I/O,
CMOS Amplifiers
Features
■ 200
µA supply current per amplifier
■ 3.7MHz bandwidth
■ Output swing to within 10mV of either rail
■ Input voltage range exceeds the rails
■ 3V/
µs slew rate
■ 25nV/
√Hz input voltage noise
■ Replaces KM4170 and KM4270
■ FAN4174 competes with OPA340 and TLV2461;
available in lead (Pb) free SC70-5 and SOT23-5 packages
■ FAN4274 competes with OPA2340 and TLV2462;
available in lead (Pb) free MSOP-8 package
■ Fully specified at +2.7V and +5V supplies
Applications
■ Portable/battery-powered applications
■ PCMCIA, USB
■ Mobile communications, cellular phones, pagers
■ Notebooks and PDA’s
■ Sensor interface
■ A/D buffer
■ Active filters
■ Signal conditioning
■ Portable test instruments
Description
The FAN4174 (single) and FAN4274 (dual) are ultra-low cost,
voltage feedback amplifiers with CMOS inputs that consume
only 200
µA of supply current per amplifier while providing
±33mA of output short circuit current. These amplifiers are
designed to operate from 2.5V to 5V supplies. The common
mode voltage range extends beyond the negative and positive
rails.
The FAN4174 and FAN4274 are designed on a CMOS process
and provide 3.7MHz of bandwidth and 3V/µs of slew rate at a
supply voltage of 5V. The combination of low power, rail-to-rail
performance, low voltage operation, and tiny package options
make this amplifier family well suited for use in many general
purpose and battery powered applications.
.
Typical Application Diagram
+
-
FAN4174
Rf
0.01
µF
6.8
µF
Out
+In
+Vs
+
0.01
µF
6.8
µF
-Vs
+
Rg
Frequency (MHz)
1.0
10
0.1
CL = 50pF
Rs = 0
CL = 500pF
Rs = 165Ω
CL = 2000pF
Rs = 65Ω
Vo = 50mV
CL = 1000pF
Rs = 100Ω
CL = 100pF
Rs = 0
+
-
5k
5k
Rs
CL
RL
8
7
6
5
4
3
2
1
0
-1
-2
-3


Similar Part No. - GB15RF120K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
International Rectifier
GB15RF120K IRF-GB15RF120K Datasheet
348Kb / 13P
   IGBT PIM MODULE
More results

Similar Description - GB15RF120K

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
ON Semiconductor
FAN4931 ONSEMI-FAN4931 Datasheet
1Mb / 13P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
February 2013 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN4931 FAIRCHILD-FAN4931 Datasheet
1Mb / 11P
   Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174_08 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274_12 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
KM7101 FAIRCHILD-KM7101 Datasheet
146Kb / 9P
   Ultra-Low Cost, 139A, 2.7V, 4.9MHz Rail-to-Rail I/O Amplifier
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
[Old version datasheet]   Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
FAN4174 ONSEMI-FAN4174 Datasheet
1Mb / 13P
   Single and Dual,Rail-to-Rail I/O, CMOS Amplifier
December-2107, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com