Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2980 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2980
Description  Voltage, Current, Temperature Protector With Integrated High Side NFET Driver For Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ2980 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2980 Datasheet HTML 3Page - Texas Instruments BQ2980 Datasheet HTML 4Page - Texas Instruments BQ2980 Datasheet HTML 5Page - Texas Instruments BQ2980 Datasheet HTML 6Page - Texas Instruments BQ2980 Datasheet HTML 7Page - Texas Instruments BQ2980 Datasheet HTML 8Page - Texas Instruments BQ2980 Datasheet HTML 9Page - Texas Instruments BQ2980 Datasheet HTML 10Page - Texas Instruments BQ2980 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
bq2980
www.ti.com
SLUSCS3 – OCTOBER 2017
Product Folder Links: bq2980
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values stated at TA = 25°C and VDD = 3.6 V. MIN/MAX values stated with TA = –40°C to +85°C and VDD = 3 to 5 V
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Not production tested parameters. Specified by characterization.
OVERTEMPERATURE PROTECTION (2)
TOT
Internal overtemperature
threshold
Factory configured
75
°C
85
TOT_ACC
Internal overtemperature
detection accuracy
–10
10
°C
TOT_HYS
Internal overtemperature
hysteresis
8
15
22
°C
PROTECTION DELAY (1)
tOVP
Overvoltage detection delay
Factory configured
0.2
0.25
0.3
s
0.8
1
1.2
1
1.25
1.5
3.6
4.5
5.4
tUVP
Undervoltage detection
delay
Factory configured
16
20
24
ms
76.8
96
115.2
100
125
150
115.2
144
172.8
tOC
Overcurrent (OCC, OCD)
detection delay
Factory configured
5.6
8
10.5
ms
12.4
16
19.6
16
20
24
38.4
48
57.6
tSCD
Short circuit discharge
detection delay
Fixed configuration
125
250
375
us
tOT
Overtemperature detection
delay
Fixed configuration
3.6
4.5
5.4
s
FET OVERRIDE / DEVICE SHUTDOWN CONTROL, CTR
VIH
High-level input
1
V
VIL
Low-level input
0.4
V
VHYS
Hystersis for VIH and VIL
200
mV
RPULL_UP
Effective Internal pullup
resistance (to use with
external PTC)
Factory configured if enabled
1.5
5
8
Zero voltage Charging
V0CHGR
Charger voltage requires to
start 0-V charging
2
V
V0INH
Battery voltage that inhibits
0-V charging
1
V


Similar Part No. - BQ2980

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2980 TI1-BQ2980 Datasheet
1Mb / 33P
[Old version datasheet]   BQ2980xy Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980 Datasheet
1Mb / 27P
[Old version datasheet]   BQ2980xy Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980 Datasheet
1Mb / 27P
[Old version datasheet]   BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980 Datasheet
2Mb / 27P
[Old version datasheet]   BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980 Datasheet
2Mb / 28P
[Old version datasheet]   BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
NOVEMBER 2021
More results

Similar Description - BQ2980

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2980 TI1-BQ2980_V01 Datasheet
1Mb / 33P
[Old version datasheet]   BQ2980xy Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980_V04 Datasheet
2Mb / 27P
[Old version datasheet]   BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI-BQ2980_V05 Datasheet
2Mb / 28P
[Old version datasheet]   BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
NOVEMBER 2021
BQ2980 TI-BQ2980_V02 Datasheet
1Mb / 27P
[Old version datasheet]   BQ2980xy Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ2980 TI1-BQ2980_V06 Datasheet
1Mb / 29P
[Old version datasheet]   BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
REVISED DECEMBER 2022
BQ2980 TI-BQ2980_V03 Datasheet
1Mb / 27P
[Old version datasheet]   BQ298xyz Voltage, Current, Temperature Protectors with an Integrated High-Side NFET Driver for Fast/Flash Charging Single-Cell Li-Ion and Li-Polymer Batteries
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ2970 TI1-BQ2970_18 Datasheet
1Mb / 33P
[Old version datasheet]   Cost-Effective Voltage and Current Protection Integrated Circuit for Single-Cell Li-Ion and Li-Polymer Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com