Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM76002 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM76002
Description  3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM76002 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM76002 Datasheet HTML 2Page - Texas Instruments LM76002 Datasheet HTML 3Page - Texas Instruments LM76002 Datasheet HTML 4Page - Texas Instruments LM76002 Datasheet HTML 5Page - Texas Instruments LM76002 Datasheet HTML 6Page - Texas Instruments LM76002 Datasheet HTML 7Page - Texas Instruments LM76002 Datasheet HTML 8Page - Texas Instruments LM76002 Datasheet HTML 9Page - Texas Instruments LM76002 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
6
LM76002, LM76003
SNVSAK0 – OCTOBER 2017
www.ti.com
Product Folder Links: LM76002 LM76003
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM76002/LM76003
UNIT
RNP (WQFN)
30 PINS
RθJA
Junction-to-ambient thermal resistance
29
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.3
°C/W
RθJB
Junction-to-board thermal resistance
1.7
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
13.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.1
°C/W
(1)
Shutdown current includes leakage current of the switching transistors.
6.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless otherwise stated.
Minimum and maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 24 V, VOUT = 3.3 V, fSW = 500 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (PVIN PINS)
VIN
Operating input voltage range
3.5
60
V
ISD
Shutdown quiescent current;
measured at PVIN pin(1)
VEN = 0 V
TJ = 25℃
1.2
10
µA
IQ_NONSW
Operating quiescent current
from VIN (non-switching)
VEN = 2 V, VFB = 1.5 V, VBIAS = 3.3 V
external
0.9
12
µA
ENABLE (EN PIN)
VEN_VCC_H
Enable input high level for
VCC output
VEN rising
1.2
V
VEN_VCC_L
Enable input low level for VCC
output
VEN falling
0.3
V
VEN_VOUT_H
Enable input high level for
VOUT
VEN rising
1.14
1.204
1.25
V
VEN_VOUT_HYS
Enable input hysteresis for
VOUT
VEN falling hysteresis
–150
mV
ILKG_EN
Enable input leakage current
VEN = 2 V
1.4
200
nA
INTERNAL LDO (VCC PIN, BIAS PIN)
VCC
Internal VCC voltage
PWM operation
3.29
V
PFM operation
3.1
V
VCC_UVLO
Internal VCC undervoltage
lockout
VCC rising
2.96
3.14
3.27
V
VCC falling hysteresis
–565
mV
VBIAS_ON
Input changeover
VBIAS rising
3.11
3.25
V
VBIAS falling hysteresis
–63
mV
IBIAS_NONSW
Operating quiescent current
from external VBIAS (non-
switching)
VEN = 2 V, VFB = 1.5 V, VBIAS = 3.3 V
external
21
50
µA
VOLTAGE REFERENCE (FB PIN)
VFB
Feedback voltage
PWM mode
0.987
1.006
1.017
V
ILKG_FB
Input leakage current at FB
pin
VFB = 1 V
0.2
60
nA
HIGH SIDE DRIVER (BOOT PIN)
VBOOT_UVLO
BOOT - SW undervoltage
lockout
1.6
2.2
2.7
V


Similar Part No. - LM76002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM76002 TI1-LM76002 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q TI1-LM76002-Q Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002QRNPRQ1 TI1-LM76002QRNPRQ1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002QRNPTQ1 TI1-LM76002QRNPTQ1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
More results

Similar Description - LM76002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com