Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA202IDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202IDR
Description  Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202IDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA202IDR Datasheet HTML 6Page - Texas Instruments OPA202IDR Datasheet HTML 7Page - Texas Instruments OPA202IDR Datasheet HTML 8Page - Texas Instruments OPA202IDR Datasheet HTML 9Page - Texas Instruments OPA202IDR Datasheet HTML 10Page - Texas Instruments OPA202IDR Datasheet HTML 11Page - Texas Instruments OPA202IDR Datasheet HTML 12Page - Texas Instruments OPA202IDR Datasheet HTML 13Page - Texas Instruments OPA202IDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
±0.5
±0.3
0.0
0.3
0.5
0.8
1.0
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
IB
P
IB
N
I
OS
100mV
1V
10V
1
10
100
Output Current (mA)
C019
125°C
85°C
25°C
-40°C
±25
±20
±15
±10
±5
0
5
10
15
20
25
±20
±15
±10
±5
0
5
10
15
20
Input Common-mode Voltage (V)
C001
-40
-20
0
20
40
100
1k
10k
100k
1M
10M
Frequency (Hz)
G = +1
G= -1
G= +10
C004
-30
0
30
60
90
120
150
180
±20
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
C022
Magnitude
Phase
±150
±100
±50
0
50
100
150
0
9
18
27
36
Supply Voltage (V)
C001
V
S = 4.5 V
10
OPA202, OPA2202, OPA4202
SBOS812 – OCTOBER 2017
www.ti.com
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF (unless otherwise noted)
5 typical units
Figure 7. Offset Voltage vs Supply Voltage
Figure 8. Open-Loop Gain and Phase vs Frequency
Figure 9. Closed-Loop Gain vs Frequency
Figure 10. Input Bias Current vs Common-Mode Voltage
Figure 11. Input Bias Current and Offset vs Temperature
Figure 12. Output Voltage Swing vs Output Current


Similar Part No. - OPA202IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA202IDR TI1-OPA202IDR Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202IDR TI1-OPA202IDR Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202IDR TI1-OPA202IDR Datasheet
3Mb / 45P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202IDR TI1-OPA202IDR Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202IDR TI1-OPA202IDR Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results

Similar Description - OPA202IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202_V07 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V06 Datasheet
3Mb / 49P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V05 Datasheet
3Mb / 49P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V03 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V04 Datasheet
3Mb / 48P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI-OPA202_V08 Datasheet
3Mb / 50P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V02 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com