Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPT8241NBN Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPT8241NBN
Description  3D Time-of-Flight Sensor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPT8241NBN Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPT8241NBN Datasheet HTML 3Page - Texas Instruments OPT8241NBN Datasheet HTML 4Page - Texas Instruments OPT8241NBN Datasheet HTML 5Page - Texas Instruments OPT8241NBN Datasheet HTML 6Page - Texas Instruments OPT8241NBN Datasheet HTML 7Page - Texas Instruments OPT8241NBN Datasheet HTML 8Page - Texas Instruments OPT8241NBN Datasheet HTML 9Page - Texas Instruments OPT8241NBN Datasheet HTML 10Page - Texas Instruments OPT8241NBN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
OPT8241
www.ti.com
SBAS704B – JUNE 2015 – REVISED OCTOBER 2015
6.4 Thermal Information
OPT8241
THERMAL METRIC(1)
NBN (COG)
UNIT
78 PINS
Without underfill
79.2
°C/W
RθJA
Junction-to-ambient thermal resistance
With underfill
41.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.6
°C/W
RθJB
Junction-to-board thermal resistance
51.0
°C/W
ψJT
Junction-to-top characterization parameter
6.3
°C/W
ψJB
Junction-to-board characterization parameter
51.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
18.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
All specifications at TA = 25°C, VAVDDH = 3.3 V, VAVDD = 1.8 V, VVMIXH = 1.5 V, VDVDD = 1.8 V, VDVDDH = 3.3 V, VPVDD = 3.3 V,
VSUB_BIAS = 0 V, integration duty cycle = 10%, system clock frequency = 48 MHz, modulation frequency = 50 MHz, and 850
nm illumination, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SENSOR
V
Maximum rows
240
Rows
H
Maximum columns
320
Columns
PP
Pixel pitch
15
μm
POWER (Normal Operation)
IAVDD_PLL
PLL supply current
9
mA
Without dynamic power-down
40
IAVDD
Analog supply current
mA
With dynamic power-down
20
IDVDDH
3.3-V digital supply current
5
mA
Without dynamic power-down
17
IAVDDH
3.3-V analog supply current
mA
With dynamic power-down
7
IPVDD
Pixel VDD current
2
mA
10% integration duty cycle
70
IVMIXH
Demodulation current
mA
100% integration duty cycle
600
I/O supply current (CMOS mode)
20
IIOVDD
mA
I/O supply current (LVDS mode)
2
IDVDD
Digital supply current
45
mA
POWER (Standby)
IIOVDD
I/O supply current
0.7
mA
IAVDD_PLL
PLL supply current
0.3
mA
IAVDD
Analog supply current
0.3
mA
IDVDD
Digital supply current
0.6
mA
IDVDDH
3.3-V digital supply current
1.1
mA
IAVDDH
3.3-V analog supply current
0.2
mA
IVMIXH
Demodulation current
0
mA
IPVDD
Pixel VDD current
0
mA
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPT8241


Similar Part No. - OPT8241NBN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8241NBN TI1-OPT8241NBN Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
More results

Similar Description - OPT8241NBN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8241 TI-OPT8241_15 Datasheet
1Mb / 34P
[Old version datasheet]   OPT8241 3D Time-of-Flight Sensor
logo
Banner Engineering Corp...
ZMX BANNER-ZMX Datasheet
550Kb / 5P
   ZMX Series 3D Time of Flight Sensor
9 February 2023
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
List of Unclassifed Man...
TOF400F ETC-TOF400F Datasheet
4Mb / 13P
   Time-of-Flight ranging Sensor-4M
logo
STMicroelectronics
VL53L4CD STMICROELECTRONICS-VL53L4CD Datasheet
2Mb / 37P
   Time-of-Flight high accuracy proximity sensor
June 2022 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com