Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G126DCK Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74AUP1G126DCK
Description  Low-Power Single Bus Buffer Gate With Tri-State Output
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G126DCK Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74AUP1G126DCK Datasheet HTML 7Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 8Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 9Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 10Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 11Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 12Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 13Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 14Page - Texas Instruments SN74AUP1G126DCK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
VCC (V)
0.75
1.25
1.75
2.25
2.75
3.25
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
D001
CL = 5pF
CL = 10pF
CL = 15pF
CL = 30pF
11
SN74AUP1G126
www.ti.com
SCES596G – JULY 2004 – REVISED AUGUST 2017
Product Folder Links: SN74AUP1G126
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
6.10 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation
capacitance
Output enabled
f = 10 MHz
0.8 V
3.8
pF
1.2 V ± 0.1 V
3.7
1.5 V ±0.1 V
3.7
1.8 V ± 0.15 V
3.7
2.5 V ± 0.2 V
3.9
3.3 V ± 0.3 V
4
Output disabled
f = 10 MHz
0.8 V
0
1.2 V ± 0.1 V
0
1.5 V ±0.1 V
0
1.8 V ± 0.15 V
0
2.5 V ± 0.2 V
0
2.5 V ± 0.2 V
0
3.3 V ± 0.3 V
0
6.11 Typical Characteristics
Figure 1. Propagation Delay vs. Supply Voltage and Load Capacitance


Similar Part No. - SN74AUP1G126DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G126DCK TI1-SN74AUP1G126DCK Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G126DCKR TI-SN74AUP1G126DCKR Datasheet
366Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATS OUTPUT
SN74AUP1G126DCKR TI-SN74AUP1G126DCKR Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126DCKR TI1-SN74AUP1G126DCKR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126DCKR TI1-SN74AUP1G126DCKR Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results

Similar Description - SN74AUP1G126DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com