Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G17DCK Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AUP1G17DCK
Description  Low-Power Single Schmitt-Trigger Buffer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G17DCK Datasheet(HTML) 3 Page - Texas Instruments

  SN74AUP1G17DCK Datasheet HTML 1Page - Texas Instruments SN74AUP1G17DCK Datasheet HTML 2Page - Texas Instruments SN74AUP1G17DCK Datasheet HTML 3Page - Texas Instruments SN74AUP1G17DCK Datasheet HTML 4Page - Texas Instruments SN74AUP1G17DCK Datasheet HTML 5Page - Texas Instruments SN74AUP1G17DCK Datasheet HTML 6Page - Texas Instruments SN74AUP1G17DCK Datasheet HTML 7Page - Texas Instruments SN74AUP1G17DCK Datasheet HTML 8Page - Texas Instruments SN74AUP1G17DCK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1
2
C
B
A
Not to scale
GND
Y
A
DNU
VCC
1
2
B
A
Not to scale
GND
Y
A
VCC
GND
Y
3
4
A
2
5
N.C.
6
1
N.C.
V
CC
GND
A
N.C.
N.C.
6
5
4
2
3
Y
V
CC
1
3
2
4
5
1
N.C.
V
CC
Y
A
GND
Y
VCC
A
NC
GND
3
2
4
5
1
N.C.
V
CC
Y
A
GND
3
2
4
5
1
N.C.
V
CC
Y
A
GND
3
SN74AUP1G17
www.ti.com
SCES579J – JUNE 2004 – REVISED SEPTEMBER 2017
Product Folder Links: SN74AUP1G17
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
N.C. – No internal connection.
DCK Package
5-Pin SC70
Top View
DRL Package
5-Pin SOT-5X3
Top View
DPW Package
5-Pin X2SON
Top View
DRY Package
6-Pin SON
Top View
DSF Package
6-Pin SON
Top View
YFP Package
4-Pin DSBGA
Bottom View
See mechanical drawings for dimensions.
YZP Package
5-Pin DSBGA
Bottom View
DNU – Do not use
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DBV, DCK,
DRL, DPW
DRY, DSF
YFP
YZP
A
2
2
A1
B1
I
Input
DNU
A1
Do not use
GND
3
3
B1
C1
Ground
N.C.
1
1
No connection
5
VCC
5
6
A2
A2
Positive supply
Y
4
4
B2
C2
O
Output


Similar Part No. - SN74AUP1G17DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G17DCKR TI-SN74AUP1G17DCKR Datasheet
456Kb / 16P
[Old version datasheet]   LOW - POWER SINGLE SCHMITT-TRIGGLER BUFFER
SN74AUP1G17DCKR TI-SN74AUP1G17DCKR Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17DCKR TI-SN74AUP1G17DCKR Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17DCKRE4 TI-SN74AUP1G17DCKRE4 Datasheet
456Kb / 16P
[Old version datasheet]   LOW - POWER SINGLE SCHMITT-TRIGGLER BUFFER
SN74AUP1G17DCKRE4 TI-SN74AUP1G17DCKRE4 Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
More results

Similar Description - SN74AUP1G17DCK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G17 TI-SN74AUP1G17_10 Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17-EP TI1-SN74AUP1G17-EP Datasheet
368Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17_101 TI-SN74AUP1G17_101 Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com