Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G14DPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G14DPWR
Description  Low-Power Single Schmitt-Trigger Inverter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G14DPWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP1G14DPWR Datasheet HTML 1Page - Texas Instruments SN74AUP1G14DPWR Datasheet HTML 2Page - Texas Instruments SN74AUP1G14DPWR Datasheet HTML 3Page - Texas Instruments SN74AUP1G14DPWR Datasheet HTML 4Page - Texas Instruments SN74AUP1G14DPWR Datasheet HTML 5Page - Texas Instruments SN74AUP1G14DPWR Datasheet HTML 6Page - Texas Instruments SN74AUP1G14DPWR Datasheet HTML 7Page - Texas Instruments SN74AUP1G14DPWR Datasheet HTML 8Page - Texas Instruments SN74AUP1G14DPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
SN74AUP1G14
www.ti.com
SCES578J – JUNE 2003 – REVISED SEPTEMBER 2017
Product Folder Links: SN74AUP1G14
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74AUP1G14
UNIT
DRY
(SON)
DSF
(SON)
YFP
(DSBGA)
DPW
(X2SON)
DBV
(SOT-23)
DCK
(SC70)
DRL
(SOT)
6 PINS
6 PINS
4 PINS
5 PINS
5 PINS
5 PINS
5 PINS
RθJA
Junction-to-ambient thermal resistance
347.8
386.2
179.3
489.2
289.1
325.1
324.4
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
237.7
192.9
2.8
226.3
213.7
229.1
156.7
°C/W
RθJB
Junction-to-board thermal resistance
210.6
242.2
58.3
352.9
123.0
123.2
172.9
°C/W
ψJT
Junction-to-top characterization
parameter
64.4
28.9
1.1
38.2
104.5
96.3
21.6
°C/W
ψJB
Junction-to-board characterization
parameter
210.6
241.9
58.6
352.1
122.3
122.4
173.6
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
N/A
N/A
N/A
150.8
N/A
N/A
N/A
°C/W
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VT+
Positive-going input
threshold voltage
TA = 25°C
0.8 V
0.3
0.6
V
TA = –40°C to +85°C
TA = 25°C
1.1 V
0.53
0.9
TA = –40°C to +85°C
TA = 25°C
1.4 V
0.74
1.11
TA = –40°C to +85°C
TA = 25°C
1.65 V
0.91
1.29
TA = –40°C to +85°C
TA = 25°C
2.3 V
1.37
1.77
TA = –40°C to +85°C
TA = 25°C
3 V
1.88
2.29
TA = –40°C to +85°C
VT–
Negative-going input
threshold voltage
TA = 25°C
0.8 V
0.1
0.6
V
TA = –40°C to +85°C
TA = 25°C
1.1 V
0.26
0.65
TA = –40°C to +85°C
TA = 25°C
1.4 V
0.39
0.75
TA = –40°C to +85°C
TA = 25°C
1.65 V
0.47
0.84
TA = –40°C to +85°C
TA = 25°C
2.3 V
0.69
1.04
TA = –40°C to +85°C
TA = 25°C
3 V
0.88
1.24
TA = –40°C to +85°C


Similar Part No. - SN74AUP1G14DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14DPW TI1-SN74AUP1G14DPW Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
More results

Similar Description - SN74AUP1G14DPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G14_101 TI-SN74AUP1G14_101 Datasheet
978Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI-SN74AUP1G14 Datasheet
194Kb / 11P
[Old version datasheet]   LOW POWER SINGLE SCHMITT TRIGGER INVERTER
logo
Unisonic Technologies
U74AUP1G14 UTC-U74AUP1G14 Datasheet
157Kb / 5P
   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AUP1G14 TI-SN74AUP1G14_10 Datasheet
861Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER INVERTER
SN74AUP1G14 TI1-SN74AUP1G14_17 Datasheet
1Mb / 36P
[Old version datasheet]   SN74AUP1G14 Low-Power Single Schmitt-Trigger Inverter
logo
NXP Semiconductors
74AUP1G14 NXP-74AUP1G14 Datasheet
112Kb / 19P
   Low-power Schmitt trigger inverter
Rev. 03-8 July 2009
logo
Nexperia B.V. All right...
74AXP1G14 NEXPERIA-74AXP1G14 Datasheet
228Kb / 16P
   Low-power Schmitt trigger inverter
74AUP1G14 NEXPERIA-74AUP1G14 Datasheet
311Kb / 21P
   Low-power Schmitt trigger inverter
Rev. 10 - 14 January 2022
logo
NXP Semiconductors
74AUP1G14 PHILIPS-74AUP1G14_15 Datasheet
443Kb / 24P
   Low-power Schmitt trigger inverter
Rev. 6-28 June 2012
74AUP1G14 PHILIPS-74AUP1G14 Datasheet
101Kb / 20P
   Low-power Schmitt-trigger inverter
Rev. 01-20 July 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com