Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G80DCKRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G80DCKRG4
Description  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G80DCKRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUP1G80DCKRG4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
4
SN74AUP1G80
SCES593F – JULY 2004 – REVISED JULY 2017
www.ti.com
Product Folder Links: SN74AUP1G80
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
4.6
V
VI
Input voltage(2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high-impedance or power-off state (2)
–0.5
4.6
V
VO
Voltage range applied to any output in the high or low state (2)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±20
mA
Continuous current through VCC or GND
±50
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
1000
(1)
All unused inputs of the device must be held at VCC or GND to assure proper device operation. See Implications of Slow or Floating
CMOS Inputs, SCBA004.
(2)
Defined by the signal integrity requirements and design-goal priorities.
6.3 Recommended Operating Conditions
See
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VIH
High-level input voltage
VCC = 0.8 V
VCC
V
VCC = 1.1 V to 1.95 V
0.65 × VCC
VCC = 2.3 V to 2.7 V
1.6
VCC = 3 V to 3.6 V
2
VIL
Low-level input voltage
VCC = 0.8 V
0
V
VCC = 1.1 V to 1.95 V
0.35 × VCC
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.9
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
IOH
High-level output current(2)
VCC = 0.8 V
–20
µA
VCC = 1.1 V
–1.1
mA
VCC = 1.4 V
–1.7
VCC = 1.65
–1.9
VCC = 2.3 V
–3.1
VCC = 3 V
–4


Similar Part No. - SN74AUP1G80DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G80DCKRG4 TI1-SN74AUP1G80DCKRG4 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80DCKRG4 TI1-SN74AUP1G80DCKRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

Similar Description - SN74AUP1G80DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com